Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5092BATE+ Datasheet (PDF) - Maxim Integrated Products

MAX5092BATE+ Datasheet PDF - Maxim Integrated Products
Part # MAX5092BATE+
Download  MAX5092BATE+ Download
File Size   1025.32 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4V to 72V Input LDOs with Boost Preregulator

MAX5092BATE+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5092BATE+ Datasheet PDF - Maxim Integrated Products

Part # MAX5092BATE+
Download  MAX5092BATE+ Click to download

File Size   1025.32 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4V to 72V Input LDOs with Boost Preregulator

MAX5092BATE+ Datasheet (HTML) - Maxim Integrated Products


MAX5092BATE+ Product details

General Description
The MAX5092A/MAX5092B/MAX5093A/MAX5093B low quiescent-current, low-dropout (LDO) regulators contain simple boost preregulators operating at a high frequency. The devices seamlessly provide a preset 3.3V (MAX5092A/MAX5093A) or 5V (MAX5092B/MAX5093B) LDO output voltage from a cold-crank through load-dump (3.5V to 80V) input voltage conditions. The MAX5092_/MAX5093_ deliver up to 250mA with excellent load and line regulation. During normal operation, when the battery is healthy, the boost preregulator is completely turned off, reducing quiescent current to 65μA (typ). This makes the devices suitable for always-on power supplies.

Features
● Wide Operating Input Voltage Range: 3.5V to 72V
   with a 4V Startup Voltage
● LDO Output Regulates to 5V Seamlessly from an
   Input Voltage of 3.5V to 72V
● Up to 250mA Output Current
● Preset 3.3V, 5V, or Externally Programmable LDO
   Output Voltage from 1.5V to 9V (MAX5092_) or from
   1.5V to 10V (MAX5093_)
● Preset 7V or Externally Programmable Boost
   Output Voltage Up to 11V (MAX5092_) or Up to 12V
   (MAX5093_)
● 65μA Quiescent Current in LDO Mode (VIN ≥ 8V)
   5μA Shutdown Current
● Power-On Reset (RESET) with Programmable
   Timeout Period
● Output Short-Circuit and Thermal Protection
● TQFN Package Capable of Dissipating Up to 2.7W at
   +70°C

Applications
● Industrial




Similar Part No. - MAX5092BATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5092BATE+ MAXIM-MAX5092BATE+ Datasheet
479Kb / 24P
4V to 72V Input LDOs with Boost Preregulator
Rev 1; 1/08
More results


Similar Description - MAX5092BATE+

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1857 TI-UCC1857 Datasheet
127Kb / 10P
Isolated Boost PFC Preregulator Controller
logo
Maxim Integrated Produc...
MAX5092 MAXIM-MAX5092_08 Datasheet
479Kb / 24P
4V to 72V Input LDOs with Boost Preregulator
Rev 1; 1/08
MAX17600EVKIT MAXIM-MAX17600EVKIT Datasheet
1Mb / 10P
4V to 14V Input Range
Rev 0; 6/12
logo
Texas Instruments
UCC1857 TI1-UCC1857_08 Datasheet
154Kb / 11P
Isolated Boost PFC Preregulator Controller
logo
Maxim Integrated Produc...
MAX17532 MAXIM-MAX17532 Datasheet
1Mb / 21P
Wide 4V to 42V Input
Rev 1; 3/15
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
Input Voltage Range 4V to 36V
April 1, 2012
logo
Anpec Electronics Corop...
APW7251 ANPEC-APW7251 Datasheet
244Kb / 18P
Boost and Dual LDOs with POK
logo
Maxim Integrated Produc...
MAX17500AEVKIT MAXIM-MAX17500AEVKIT Datasheet
1Mb / 9P
36V to 72V or -36V to -72V DC Input Range
Rev 0; 2/11
logo
Renesas Technology Corp
RAA212831 RENESAS-RAA212831 Datasheet
3Mb / 20P
4.5V to 72V Input, 0.5A Buck Regulator with Two Linear Regulator Outputs
Mar 2, 2023
RAA212832 RENESAS-RAA212832 Datasheet
3Mb / 19P
4.5V to 72V Input, 0.5A Buck Regulator with 2 Linear Regulator Outputs
Mar 13, 2023
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com