Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA212831 Datasheet (PDF) - Renesas Technology Corp

RAA212831 Datasheet PDF - Renesas Technology Corp
Part # RAA212831
Download  RAA212831 Download
File Size   3345.23 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4.5V to 72V Input, 0.5A Buck Regulator with Two Linear Regulator Outputs

RAA212831 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA212831 Datasheet PDF - Renesas Technology Corp

Part # RAA212831
Download  RAA212831 Click to download

File Size   3345.23 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4.5V to 72V Input, 0.5A Buck Regulator with Two Linear Regulator Outputs

RAA212831 Datasheet (HTML) - Renesas Technology Corp


RAA212831 Product details

Features
▪ Buck Converter:
• 4.5V to 72V input voltage
• Adjustable output voltage from 1.25V to
VIN×Dmax
• 500mA output load capability
• 0.6Ω high-side MOSEFT rDS(ON)
• Fixed switching frequency 350kHz in CCM
operation
• Pulse skipping mode in DCM operation
• 6V standby function by external components
• High-side OCP, UVP, UVLO, OTP fault
protection
▪ 5V LDO Regulator:
• 6V to 12V input voltage
• Fixed output voltage 5V
• 100mA output load capability
• Current limit foldback function
▪ 3.3V LDO Regulator:
• 4.5V to 12V input voltage
• Fixed output voltage 3.3V
• 50mA output load capability
• Current limit foldba




Similar Part No. - RAA212831

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA212832 RENESAS-RAA212832 Datasheet
3Mb / 19P
4.5V to 72V Input, 0.5A Buck Regulator with 2 Linear Regulator Outputs
Mar 13, 2023
More results


Similar Description - RAA212831

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC284- TI-UCC284- Datasheet
182Kb / 10P
Low Dropout 0.5A Negative Linear Regulator
logo
Micrel Semiconductor
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
52kHz Simple 0.5A Buck Regulator
MIC4574 MICREL-MIC4574 Datasheet
93Kb / 6P
200kHz Simple 0.5A Buck Voltage Regulator
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
52KHZ SIMPLE 0.5A BUCK REGULATOR
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
52kHz Simple 0.5A Buck Regulator
MIC4574 MICREL-MIC4574_05 Datasheet
462Kb / 7P
200kHz Simple 0.5A Buck Regulator
logo
Texas Instruments
LM3402 TI1-LM3402_15 Datasheet
1Mb / 39P
0.5A Constant Current Buck Regulator
logo
Intersil Corporation
ISL85005 INTERSIL-ISL85005 Datasheet
1Mb / 22P
4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
November 28, 2016
logo
Renesas Technology Corp
ISL85005 RENESAS-ISL85005 Datasheet
1Mb / 23P
4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
RAA212832 RENESAS-RAA212832 Datasheet
3Mb / 19P
4.5V to 72V Input, 0.5A Buck Regulator with 2 Linear Regulator Outputs
Mar 13, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com