Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4574 Datasheet (PDF) - Micrel Semiconductor

MIC4574 Datasheet PDF - Micrel Semiconductor
Part # MIC4574
Download  MIC4574 Download
File Size   93.76 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 200kHz Simple 0.5A Buck Voltage Regulator

MIC4574 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4574 Datasheet PDF - Micrel Semiconductor

Part # MIC4574
Download  MIC4574 Click to download

File Size   93.76 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 200kHz Simple 0.5A Buck Voltage Regulator

MIC4574 Datasheet (HTML) - Micrel Semiconductor


MIC4574 Product details

General Description
The MIC4574 is a series of easy to use fixed and adjustable BiCMOS step-down (buck) switch-mode voltage regulators. The 200kHz MIC4574 duplicates the pinout and function of the 52kHz LM2574. The higher switching frequency may allow up to a 2:1 reduction in output filter inductor size.

Features
• Fixed 200kHz operation
• 3.3V, 5V, and adjustable output versions
• Voltage over specified line and load conditions:
    Fixed version: ±3% max. output voltage
    Adjustable version: ±2% max. feedback voltage
• Guaranteed 0.5A switch current
• Wide 4V to 24V input voltage range
• Wide 1.23V to 20V output voltage range
• Requires minimum external components
• < 200µA typical shutdown mode
• 75% efficiency (adjustable version > 75% typ.)
• Standard inductors and capacitors are 25% of typical LM2574 values
• Thermal shutdown
• Overcurrent protection
• 100% electrical thermal limit burn-in

Applications
• Simple high-efficiency step-down (buck) regulator
• Efficient preregulator for linear regulators
• On-card switching regulators
• Positive-to-negative converter (inverting buck-boost)
• Isolated flyback converter using minimum external components
• Negative boost converter




Similar Part No. - MIC4574

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4574-3.3BN MICREL-MIC4574-3.3BN Datasheet
462Kb / 7P
200kHz Simple 0.5A Buck Regulator
MIC4574-3.3YN MICREL-MIC4574-3.3YN Datasheet
462Kb / 7P
200kHz Simple 0.5A Buck Regulator
MIC4574-5.0BN MICREL-MIC4574-5.0BN Datasheet
462Kb / 7P
200kHz Simple 0.5A Buck Regulator
MIC4574-5.0YN MICREL-MIC4574-5.0YN Datasheet
462Kb / 7P
200kHz Simple 0.5A Buck Regulator
MIC4574BN MICREL-MIC4574BN Datasheet
462Kb / 7P
200kHz Simple 0.5A Buck Regulator
More results


Similar Description - MIC4574

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
52kHz Simple 0.5A Buck Regulator
MIC4575 MICREL-MIC4575 Datasheet
213Kb / 12P
200kHz Simple 1A Buck Voltage Regulator
MIC4576 MICREL-MIC4576 Datasheet
71Kb / 7P
200kHz Simple 3A Buck Voltage Regulator
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
52KHZ SIMPLE 0.5A BUCK REGULATOR
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
52kHz Simple 0.5A Buck Regulator
MIC4574 MICREL-MIC4574_05 Datasheet
462Kb / 7P
200kHz Simple 0.5A Buck Regulator
MIC4575 MICREL-MIC4575_09 Datasheet
531Kb / 15P
200kHz Simple 1A Buck Regulator
MIC4576 MICREL-MIC4576_06 Datasheet
218Kb / 8P
200kHz Simple 3A Buck Regulator
MIC4680 MICREL-MIC4680_08 Datasheet
890Kb / 15P
1A 200kHz SuperSwitcher Buck Regulator
logo
XLSEMI
XL7005 XLSEMI-XL7005 Datasheet
205Kb / 7P
0.5A 200KHz 65V Buck DC to DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com