Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4575 Datasheet (PDF) - Micrel Semiconductor

MIC4575 Datasheet PDF - Micrel Semiconductor
Part # MIC4575
Download  MIC4575 Download
File Size   213.78 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 200kHz Simple 1A Buck Voltage Regulator

MIC4575 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4575 Datasheet PDF - Micrel Semiconductor

Part # MIC4575
Download  MIC4575 Click to download

File Size   213.78 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 200kHz Simple 1A Buck Voltage Regulator

MIC4575 Datasheet (HTML) - Micrel Semiconductor


MIC4575 Product details

General Description

The MIC4575 is a series of easy to use fixed and adjustable BiCMOS step-down (buck) switch-mode voltage regulators. The 200kHz MIC4575 duplicates the pinout and function of the 52kHz LM2575. The higher switching frequency may allow up to a 2:1 reduction in output filter inductor size.

The MIC4575 is available in 3.3V, and 5V fixed output versions or a 1.23V to 20V adjustable output version. Both versions are capable of driving a 1A load with excellent line and load regulation.



Features

• Fixed 200kHz operation

• 3.3V, 5V, and adjustable output versions

• Voltage over specified line and load conditions:

• Fixed version: ±3% max. output voltage

• Adjustable version: ±2% max. feedback voltage

• Guaranteed 1A switch current

• Wide 4V to 24V input voltage range

• Wide 1.23V to 20V output voltage range

• Requires minimum external components

• < 200µA typical shutdown mode

• 75% efficiency (adjustable version > 75% typical)

• Standard inductors and capacitors are25% of typical LM2575 values

• Thermal shutdown

• Overcurrent protection

• 100% electrical thermal limit burn-in



Applications

• Simple high-efficiency step-down (buck) regulator

• Efficient pre-regulator for linear regulators

• On-card switching regulators

• Positive-to-negative converter (inverting buck-boost)

• Battery charger

• Negative boost converter

• Step-down 6V to 3.3V for Intel Pentium® and similar microprocessors

____________________________________________________




Similar Part No. - MIC4575

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4575-3.3BT MICREL-MIC4575-3.3BT Datasheet
531Kb / 15P
200kHz Simple 1A Buck Regulator
MIC4575-3.3BU MICREL-MIC4575-3.3BU Datasheet
531Kb / 15P
200kHz Simple 1A Buck Regulator
MIC4575-3.3WT MICREL-MIC4575-3.3WT Datasheet
531Kb / 15P
200kHz Simple 1A Buck Regulator
MIC4575-3.3WU MICREL-MIC4575-3.3WU Datasheet
531Kb / 15P
200kHz Simple 1A Buck Regulator
MIC4575-5.0BT MICREL-MIC4575-5.0BT Datasheet
531Kb / 15P
200kHz Simple 1A Buck Regulator
More results


Similar Description - MIC4575

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2575 MICREL-LM2575 Datasheet
104Kb / 9P
52kHz Simple 1A Buck Regulator
MIC4574 MICREL-MIC4574 Datasheet
93Kb / 6P
200kHz Simple 0.5A Buck Voltage Regulator
MIC4576 MICREL-MIC4576 Datasheet
71Kb / 7P
200kHz Simple 3A Buck Voltage Regulator
MIC4680 MICREL-MIC4680 Datasheet
276Kb / 16P
1A 200kHz SuperSwitcher??Buck Regulator Final Information
LM2575 MICREL-LM2575_09 Datasheet
158Kb / 12P
52kHz Simple 1A Buck Regulator
MIC4574 MICREL-MIC4574_05 Datasheet
462Kb / 7P
200kHz Simple 0.5A Buck Regulator
MIC4575 MICREL-MIC4575_09 Datasheet
531Kb / 15P
200kHz Simple 1A Buck Regulator
MIC4576 MICREL-MIC4576_06 Datasheet
218Kb / 8P
200kHz Simple 3A Buck Regulator
MIC4680 MICREL-MIC4680_08 Datasheet
890Kb / 15P
1A 200kHz SuperSwitcher Buck Regulator
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
52kHz Simple 1A Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com