Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4680 Datasheet (PDF) - Micrel Semiconductor

MIC4680 Datasheet PDF - Micrel Semiconductor
Part # MIC4680
Download  MIC4680 Download
File Size   276.16 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1A 200kHz SuperSwitcher??Buck Regulator Final Information

MIC4680 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4680 Datasheet PDF - Micrel Semiconductor

Part # MIC4680
Download  MIC4680 Click to download

File Size   276.16 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1A 200kHz SuperSwitcher??Buck Regulator Final Information

MIC4680 Datasheet (HTML) - Micrel Semiconductor


MIC4680 Product details

General Description

The MIC4680 SuperSwitcher™ is an easy-to-use fixed or adjustable output voltage step-down (buck) switch-mode voltage regulator. The 200kHz MIC4680 achieves up to 1.3A of continuous output current over a wide input range in a 8-pin SOIC.



Features

• SOIC-8 package with up to 1.3A output current

• All surface mount solution

• Only 4 external components required

• Fixed 200kHz operation

• 3.3V, 5V, and adjustable output versions

• Internally compensated withfast transient response

• Wide 4V to 34V operating input voltage range

• Less than 2µA typical shutdown-mode current

• Up to 90% efficiency

•Thermal shutdown

•Overcurrent protection




Similar Part No. - MIC4680

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC4680 MICROCHIP-MIC4680 Datasheet
2Mb / 24P
1A 200 kHz SuperSwitcher??Buck Regulator
09/14/21
logo
Micrel Semiconductor
MIC4680-3.3BM MICREL-MIC4680-3.3BM Datasheet
890Kb / 15P
1A 200kHz SuperSwitcher Buck Regulator
MIC4680-3.3YM MICREL-MIC4680-3.3YM Datasheet
890Kb / 15P
1A 200kHz SuperSwitcher Buck Regulator
logo
Microchip Technology
MIC4680-3.3YM-TR MICROCHIP-MIC4680-3.3YM-TR Datasheet
2Mb / 24P
1A 200 kHz SuperSwitcher??Buck Regulator
09/14/21
logo
Micrel Semiconductor
MIC4680-5.0BM MICREL-MIC4680-5.0BM Datasheet
890Kb / 15P
1A 200kHz SuperSwitcher Buck Regulator
More results


Similar Description - MIC4680

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4575 MICREL-MIC4575 Datasheet
213Kb / 12P
200kHz Simple 1A Buck Voltage Regulator
MIC4690 MICREL-MIC4690 Datasheet
225Kb / 12P
500kHz 1A SuperSwitcher Buck Regulator
MIC4685 MICREL-MIC4685 Datasheet
154Kb / 15P
3A SPAK SuperSwitcher??Buck Regulator
MIC4575 MICREL-MIC4575_09 Datasheet
531Kb / 15P
200kHz Simple 1A Buck Regulator
MIC4576 MICREL-MIC4576_06 Datasheet
218Kb / 8P
200kHz Simple 3A Buck Regulator
MIC4680 MICREL-MIC4680_08 Datasheet
890Kb / 15P
1A 200kHz SuperSwitcher Buck Regulator
MIC4685 MICREL-MIC4685_10 Datasheet
336Kb / 17P
3A SPAK SuperSwitcher Buck Regulator
MIC4690 MICREL-MIC4690_05 Datasheet
280Kb / 12P
500kHz 1A SuperSwitcher Buck Regulator
logo
MIC GROUP RECTIFIERS
MIC2571 MIC-MIC2571_11 Datasheet
574Kb / 12P
Single-Cell Switching Regulator Final Information
logo
Microchip Technology
MIC4680 MICROCHIP-MIC4680 Datasheet
2Mb / 24P
1A 200 kHz SuperSwitcher??Buck Regulator
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com