Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCL-101D1F000 Datasheet (PDF) - Tyco Electronics

PCL-101D1F000 Datasheet PDF - Tyco Electronics
Part # PCL-101D1F000
Download  PCL-101D1F000 Download
File Size   319.95 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 3A, 5A, 10A, 15A General Purpose Miniature Relay

PCL-101D1F000 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCL-101D1F000 Datasheet PDF - Tyco Electronics

Part # PCL-101D1F000
Download  PCL-101D1F000 Click to download

File Size   319.95 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 3A, 5A, 10A, 15A General Purpose Miniature Relay

PCL-101D1F000 Datasheet (HTML) - Tyco Electronics




Similar Part No. - PCL-101D1F000

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCL-1010B ADVANTECH-PCL-1010B Datasheet
97Kb / 1P
Cable Accessories
PCL-1010B-1 ADVANTECH-PCL-1010B-1 Datasheet
143Kb / 1P
Cable Accessories
PCL-1010B-1E ADVANTECH-PCL-1010B-1E Datasheet
184Kb / 1P
4-ch, 24-bit, 256kS/s/ch, DSA iDAQ Module
25-Aug-2021
PCL-1010B-1E ADVANTECH-PCL-1010B-1E Datasheet
213Kb / 1P
4-slot USB 3.0 Industrial DAQ Chassis Module
25-Aug-2021
PCL-1010B-1E ADVANTECH-PCL-1010B-1E Datasheet
212Kb / 1P
4-slot Industrial DAQ Chassis Module for AMAX-5000 Controllers
8-Feb-2022
More results


Similar Description - PCL-101D1F000

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HG4104 DBLECTRO-HG4104 Datasheet
144Kb / 4P
Miniature General Purpose Relay
HG4104L DBLECTRO-HG4104L Datasheet
133Kb / 4P
Miniature General Purpose Relay
logo
Tyco Electronics
OMIT-SS-112LM MACOM-OMIT-SS-112LM Datasheet
130Kb / 2P
10A Miniature Power PC Board Relay
logo
American Zettler, Inc.
AZ420 AZETTLER-AZ420 Datasheet
292Kb / 8P
MINIATURE GENERAL PURPOSE RELAY
logo
Tyco Electronics
K10 MACOM-K10 Datasheet
290Kb / 3P
15 Amp General Purpose Miniature Relay
logo
List of Unclassifed Man...
AZ429-C07-10LUS ETC2-AZ429-C07-10LUS Datasheet
321Kb / 8P
MINIATURE GENERAL PURPOSE RELAY
logo
Picker Components
PC113 PICKER-PC113_17 Datasheet
456Kb / 2P
Miniature 12 & 20 Amp General Purpose Relay
PC118 PICKER-PC118_17 Datasheet
1Mb / 2P
Miniature 4 Pole 5 Amp General Purpose Relay
logo
Tyco Electronics
PCL MACOM-PCL Datasheet
320Kb / 4P
3A, 5A, 10A, 15A General Purpose Miniature Relay
logo
CamdenBoss Ltd.
CSM3 CAMDENBOSS-CSM3 Datasheet
507Kb / 1P
V3 type microswitches 5A, 10A and 15A
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com