Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAS21C471GAGFC Datasheet (PDF) - Kemet Corporation

CAS21C471GAGFC Datasheet PDF - Kemet Corporation
Part # CAS21C471GAGFC
Download  CAS21C471GAGFC Download
File Size   961.61 Kbytes
Page   17 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Safety Certified, CAS, Surface Mount X1/Y2 250 VAC, X2 250 VAC (Industrial Grade)

CAS21C471GAGFC Datasheet (PDF)

Go To PDF Page Download Datasheet
CAS21C471GAGFC Datasheet PDF - Kemet Corporation

Part # CAS21C471GAGFC
Download  CAS21C471GAGFC Click to download

File Size   961.61 Kbytes
Page   17 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Safety Certified, CAS, Surface Mount X1/Y2 250 VAC, X2 250 VAC (Industrial Grade)

CAS21C471GAGFC Datasheet (HTML) - Kemet Corporation


CAS21C471GAGFC Product details

Benefits
• Safety Certified to IEC 60384-14
• Class X1/Y2, X2
• 250 VAC rating
• 2.5 kV and 5 kV Impulse Voltages
• Reliable operation up to 125°C
• Available in C0G and X7R Dielectrics
• Case sizes 1808, 1812, 2211, and 2220
• Capacitance offerings ranging from 3.0 pF to 22 nF
• Available capacitance tolerances from ±0.5 pF to ±20%
• RoHS compliant




Similar Part No. - CAS21C471GAGFC

ManufacturerPart #DatasheetDescription
logo
Evolt
CAS2-NSAGAAA0888030EC EKTOR-CAS2-NSAGAAA0888030EC Datasheet
493Kb / 4P
CASCADE 2
3rd of February 2025 05:54:56
logo
Schneider Electric
CAS24BB SCHNEIDER-CAS24BB Datasheet
117Kb / 5P
Telescopic axis, Lexium CAS, model range 2, profile size 120 x 95 mm, toothed belt, double ball guide
Apr 20, 2022
logo
LEM
CAS25-NP LEM-CAS25-NP Datasheet
1Mb / 16P
Current Transducer
More results


Similar Description - CAS21C471GAGFC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C711U102MYWDAAWL25 KEMET-C711U102MYWDAAWL25 Datasheet
257Kb / 1P
C700KJY SFTY X1-400 Y2-250, Ceramic, 1000 pF, 20%, 400 VAC (X1), 250 VAC (Y2), Y5U, Lead Spacing = 10mm
2/03/2023
C731U102KYYDBAWL50 KEMET-C731U102KYYDBAWL50 Datasheet
265Kb / 1P
C700KJY SFTY X1-400 Y2-250, Ceramic, 1000 pF, 10%, 400 VAC (X1), 250 VAC (Y2), Y5P, Lead Spacing = 10mm
2/03/2023
C731U332MYVDBAWL50 KEMET-C731U332MYVDBAWL50 Datasheet
265Kb / 1P
C700KJY SFTY X1-400 Y2-250, Ceramic, 3300 pF, 20%, 400 VAC (X1), 250 VAC (Y2), Y5V, Lead Spacing = 10mm
2/03/2023
C751U472MYVDBAWL50 KEMET-C751U472MYVDBAWL50 Datasheet
265Kb / 1P
C700KJY SFTY X1-400 Y2-250, Ceramic, 4700 pF, 20%, 400 VAC (X1), 250 VAC (Y2), Y5V, Lead Spacing = 10mm
2/03/2023
C757U472MYVDBA7317 KEMET-C757U472MYVDBA7317 Datasheet
265Kb / 1P
C700KJY SFTY X1-400 Y2-250, Ceramic, 4700 pF, 20%, 400 VAC (X1), 250 VAC (Y2), Y5V, Lead Spacing = 7.5mm
2/03/2023
C771U472MYWDBAWL50 KEMET-C771U472MYWDBAWL50 Datasheet
265Kb / 1P
C700KJY SFTY X1-400 Y2-250, Ceramic, 4700 pF, 20%, 400 VAC (X1), 250 VAC (Y2), Y5U, Lead Spacing = 10mm
2/03/2023
C771U472MYWDCAWL35 KEMET-C771U472MYWDCAWL35 Datasheet
264Kb / 1P
C700KJY SFTY X1-400 Y2-250, Ceramic, 4700 pF, 20%, 400 VAC (X1), 250 VAC (Y2), Y5U, Lead Spacing = 10mm
2/03/2023
C791U103MYVDAA7317 KEMET-C791U103MYVDAA7317 Datasheet
257Kb / 1P
C700KJY SFTY X1-400 Y2-250, Ceramic, 0.01 uF, 20%, 400 VAC (X1), 250 VAC (Y2), Y5V, Lead Spacing = 10mm
2/03/2023
C797U103MYVDBA7317 KEMET-C797U103MYVDBA7317 Datasheet
265Kb / 1P
C700KJY SFTY X1-400 Y2-250, Ceramic, 0.01 uF, 20%, 400 VAC (X1), 250 VAC (Y2), Y5V, Lead Spacing = 7.5mm
2/03/2023
C797U103MYVDCA7317 KEMET-C797U103MYVDCA7317 Datasheet
264Kb / 1P
C700KJY SFTY X1-400 Y2-250, Ceramic, 0.01 uF, 20%, 400 VAC (X1), 250 VAC (Y2), Y5V, Lead Spacing = 7.5mm
2/03/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com