Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP80N03CLE Datasheet (PDF) - NEC

NP80N03CLE Datasheet PDF - NEC
Part # NP80N03CLE
Download  NP80N03CLE Download
File Size   96.86 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING N-CHANNEL POWER MOS FET

NP80N03CLE Datasheet (PDF)

Go To PDF Page Download Datasheet
NP80N03CLE Datasheet PDF - NEC

Part # NP80N03CLE
Download  NP80N03CLE Click to download

File Size   96.86 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING N-CHANNEL POWER MOS FET

NP80N03CLE Datasheet (HTML) - NEC


NP80N03CLE Product details

DESCRIPTION
These products are N-channel MOS Field Effect Transistors designed for high current switching applications.

FEATURES
• Channel Temperature 175 degree rated
• Super Low on-state Resistance
    RDS(on)1 = 7.0 mΩ MAX. (VGS = 10 V, ID = 40 A)
    RDS(on)2 = 9.0 mΩ MAX. (VGS = 5 V, ID = 40 A)
    RDS(on)3 = 11 mΩ MAX. (VGS = 4.5 V, ID = 40 A)
• Low input capacitance Ciss = 2600 pF TYP.
• Built-in gate protection diode




Similar Part No. - NP80N03CLE

ManufacturerPart #DatasheetDescription
logo
NEC
NP80N03CLE NEC-NP80N03CLE Datasheet
224Kb / 10P
MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP80N03CLE RENESAS-NP80N03CLE Datasheet
429Kb / 12P
MOS FIELD EFFECT TRANSISTOR
2007
logo
Inchange Semiconductor ...
NP80N03CLE ISC-NP80N03CLE Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
NEC
NP80N03CLE-S12-AZ NEC-NP80N03CLE-S12-AZ Datasheet
224Kb / 10P
MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP80N03CLE-S12-AZ RENESAS-NP80N03CLE-S12-AZ Datasheet
429Kb / 12P
MOS FIELD EFFECT TRANSISTOR
2007
More results


Similar Description - NP80N03CLE

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP82N06PDG-E1-AY RENESAS-NP82N06PDG-E1-AY Datasheet
267Kb / 10P
SWITCHING N-CHANNEL POWER MOS FET
2SK3357 RENESAS-2SK3357_15 Datasheet
267Kb / 10P
SWITCHING N-CHANNEL POWER MOS FET
NP40N055EHE RENESAS-NP40N055EHE_15 Datasheet
299Kb / 12P
SWITCHING N-CHANNEL POWER MOS FET
NP80N055EHE RENESAS-NP80N055EHE_15 Datasheet
300Kb / 12P
SWITCHING N-CHANNEL POWER MOS FET
NP84N055EHE RENESAS-NP84N055EHE_15 Datasheet
306Kb / 12P
SWITCHING N-CHANNEL POWER MOS FET
2SK3484 RENESAS-2SK3484_15 Datasheet
241Kb / 10P
SWITCHING N-CHANNEL POWER MOS FET
2SK3814 RENESAS-2SK3814_15 Datasheet
252Kb / 10P
SWITCHING N-CHANNEL POWER MOS FET
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com