Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1421680 Datasheet (PDF) - PHOENIX CONTACT

1421680 Datasheet PDF - PHOENIX CONTACT
Part # 1421680
Download  1421680 Download
File Size   489.53 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12FS-8QO SH ETH - Data connector

1421680 Datasheet (PDF)

Go To PDF Page Download Datasheet
1421680 Datasheet PDF - PHOENIX CONTACT

Part # 1421680
Download  1421680 Click to download

File Size   489.53 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12FS-8QO SH ETH - Data connector

1421680 Datasheet (HTML) - PHOENIX CONTACT


1421680 Product details

Data connector, Ethernet CAT5 (1 Gbps), 8-position, halogen-free, shielded, Socket straight
M12, A, Insulation displacement connection, knurl material: Zinc die-cast, nickel-plated, external
cable diameter 5 mm ... 9.7 mm

Your advantages
• Safe use in the field, thanks to a high degree of protection
• Insulation displacement connection: innovative and time-saving assembly without stripping the single wire
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1421680

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1421685 PHOENIX-1421685 Datasheet
1Mb / 8P
SACC-DSIV-M12FS-5CON-L180 SH - Device connector rear mounting
More results


Similar Description - 1421680

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414587 PHOENIX-1414587 Datasheet
324Kb / 6P
Data connector - SACC-FSX-8QO SH PN SCO
1424672 PHOENIX-1424672 Datasheet
156Kb / 11P
Data connector - SACC-M12FS-5PL SH DN
09/11/2020
1429143 PHOENIX-1429143 Datasheet
109Kb / 7P
Data connector - SACC-M12FS-6Q SH VARAN
09/11/2020
1411043 PHOENIX-1411043 Datasheet
506Kb / 14P
SACC-M12MSX-8QO SH ETH - Data connector
1411066 PHOENIX-1411066 Datasheet
502Kb / 14P
SACC-M12MSD-4QO SH ETH - Data connector
1411069 PHOENIX-1411069 Datasheet
501Kb / 14P
SACC-M12FSD-4QO SH ETH - Data connector
1414586 PHOENIX-1414586 Datasheet
501Kb / 14P
SACC-M12FSX-8QO SH ETH - Data connector
1414610 PHOENIX-1414610 Datasheet
546Kb / 14P
SACC-M12MS-8QO-0,5 SH - Connector
1414611 PHOENIX-1414611 Datasheet
545Kb / 14P
SACC-M12FS-8QO-0,5 SH - Connector
1421679 PHOENIX-1421679 Datasheet
491Kb / 14P
SACC-M12MS-8QO SH ETH - Data connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com