Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8089 Datasheet (PDF) - List of Unclassifed Manufacturers

8089 Datasheet PDF - List of Unclassifed Manufacturers
Part # 8089
Download  8089 Download
File Size   856.81 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DIGITALLY PROGRAMMED AMPLIFIER

8089 Datasheet (PDF)

Go To PDF Page Download Datasheet
8089 Datasheet PDF - List of Unclassifed Manufacturers

Part # 8089
Download  8089 Click to download

File Size   856.81 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DIGITALLY PROGRAMMED AMPLIFIER

8089 Datasheet (HTML) - List of Unclassifed Manufacturers


8089 Product details

DESCRIPTION
The Model 8089 Digitally Programmable Amplifier has pendent of gain. At room temperature the offset is less
been designed for precision amplification applications than _ one millivolt and remains less than 10 millivolts
where low output dc offset is critical. The Modei 8089 is even at 200 degrees CIThis performance permits the am-
ldeally suited to amplifying low level geophone signals plifier to be directly coupled to a low impedance ouput
and driving the signal cabie directly. The Model 8089 transformer winding and maintain alow standby current.
is well suited to applications in high temperatureenviron- The input stage is a high input impedance voltage fol-
ments such as found in oil wells and jet engine controls. lower operationalamplifier equipped with an input clamp
The Model 8089 features the ability to quickly change circuit to prevent damage in the presence of voltage
gain to one of four precision values ranging from 12 to spikes and overvoltage conditions,Such overvoltages
48dB. The gains are held to :2% initially and feature a may occur when geophones and other high outputtrans-
very low drift with temperature change. An overall high ducers are strongly excited.
power gain is achieved by providing a very high input The Model 8089 consumes a modest current of 15mA
impedance of over 10 Megohms and a low output im- at 土 15Vdc and the program inputs will interface with
pedance of less than 10 ohms: 5V logic inputs. The response time to gain changes is
The module is equipped withan outputdriverstagethat nearly instantaneous. The module is constructed with
is capable of driving a 50 ohm load with a 24 volt peak to specially configured high temperature thick film tech-
peak signal, The output stage is protected against short nology to meetthedemanding temperatureand mechani-
circuits, Further,the design of the 8089 provides for cal environmental needs common to oil logging and
a very low output dc offset voltage that is virtually inde- similar applications.




Similar Part No. - 8089

ManufacturerPart #DatasheetDescription
logo
Heyco.
8089 HEYCO-8089 Datasheet
136Kb / 1P
Multi-Connectors for Power Blocks
logo
Festo Corporation.
8089038 FESTO-8089038 Datasheet
98Kb / 2P
Ball valve
6/30/22
8089039 FESTO-8089039 Datasheet
98Kb / 2P
Ball valve
6/30/22
8089040 FESTO-8089040 Datasheet
96Kb / 2P
Ball valve
6/30/22
8089041 FESTO-8089041 Datasheet
98Kb / 2P
Ball valve
6/30/22
More results


Similar Description - 8089

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX270 MAXIM-MAX270 Datasheet
501Kb / 16P
Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filters
19-3701; Rev 1; 8/91
logo
National Semiconductor ...
LH0086 NSC-LH0086 Datasheet
252Kb / 7P
DIGITALLY-PROGRAMMABLE-GAIN AMPLIFIER
logo
Semtech Corporation
E8400B SEMTECH-E8400B Datasheet
388Kb / 1P
100-500MHz Dual Channel, Digitally Programmed Pin Electronics Solution
E8403A SEMTECH-E8403A Datasheet
315Kb / 1P
100-500MHz Dual Channel, Digitally Programmed Pin Electronics Solution
E8404A SEMTECH-E8404A Datasheet
326Kb / 1P
100-500MHz Dual Channel, Digitally Programmed Pin Electronics Solution
E8405A SEMTECH-E8405A Datasheet
467Kb / 1P
100-500MHz Dual Channel, Digitally Programmed Pin Electronics Solution
E8410A SEMTECH-E8410A Datasheet
365Kb / 1P
1GHz Dual Channel, Digitally Programmed Pin Electronics Solution
E8415A SEMTECH-E8415A Datasheet
376Kb / 1P
1GHz Dual Channel, Digitally Programmed Pin Electronics Solution
logo
CML Microcircuits
FX009 CMLMICRO-FX009 Datasheet
294Kb / 6P
Digitally Controlled Amplifier Array
logo
Analog Devices
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
Digitally Programmable Sensor Signal Amplifier
REV. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com