Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS8206 Datasheet (PDF) - List of Unclassifed Manufacturers

GS8206 Datasheet PDF - List of Unclassifed Manufacturers
Part # GS8206
Download  GS8206 Download
File Size   550.45 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 3 channel constant current LED driver

GS8206 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS8206 Datasheet PDF - List of Unclassifed Manufacturers

Part # GS8206
Download  GS8206 Click to download

File Size   550.45 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 3 channel constant current LED driver

GS8206 Datasheet (HTML) - List of Unclassifed Manufacturers


GS8206 Product details

Descriptions
The GS8206 is a 3-channel constant current LED drive with
resumable data transfers and internal display patterns. There are
three open-drain constant current outputs, with a build-in PWM of
grayscale. The range of input power is from +5V to +24V, and
voltage-endurance of LED port is +24V. There is a built-in 12bits
GAMMA correction module. PWM maximum refresh frequency is
8kHz. The GS8206 use the e-RZ (extended return to zero code)
as the signal transmission mode, which can control the output
current channel by channel and cascade infinitely. GS8206
provides two-signal data input as redundant control, which
ensures the transmission of the signal if any single chip damages.
In the absence of signal input, GS8206 displays the built-in
display patterns that is suitable for those applications without a
controller. There is the built-in power-on and power-off protection
in the drive, which can enhance the service life of the chip. It also
has the automatic test function while power on, which is
convenient for the customer to test. The GS8206 provides SOP8
packaging, working environment is from -40 ° C to + 85 ° C.

Applications
·LED Display
·LED lighting/light engineering

Features
·5v-24v operating supply voltage with 7805 module
inside
·Default 17mA constant current output, the minimum
is 11mA
·Use e-RZ code, serial data frequency 800kHz
·8bits data transfer, 12bits build-in GAMMA correction
of PWM display
·Built-in PWM technology, supports 8kHz PWM
refresh rate
·With resumable data transfer function, single chip
damage does not infect data transmission
·Built-in display pattern for the applications without a
controller
·Built-in automatic test mode, power-on and power-off
protection
·ESD:2kV
·working environment is from -40 ° C to + 85 ° C
·Packaging:SOP8




Similar Part No. - GS8206

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
64K x 32 2M Synchronous Burst SRAM
logo
List of Unclassifed Man...
GS820322T-138 ETC1-GS820322T-138 Datasheet
760Kb / 23P
64K x 32 2M Synchronous Burst SRAM
GS82032A ETC1-GS82032A Datasheet
345Kb / 23P
2M Synchronous Burst SRAM
logo
GSI Technology
GS82032AGT-100 GSI-GS82032AGT-100 Datasheet
577Kb / 22P
64K x 32 2Mb Synchronous Burst SRAM
GS82032AGT-100I GSI-GS82032AGT-100I Datasheet
577Kb / 22P
64K x 32 2Mb Synchronous Burst SRAM
More results


Similar Description - GS8206

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4103V-GT2 ONSEMI-CAT4103V-GT2 Datasheet
243Kb / 13P
3-Channel Constant-Current RGB LED Driver
Doc. No. MD-5038, Rev. A
CAT4103 ONSEMI-CAT4103 Datasheet
162Kb / 13P
3-Channel Constant-Current RGB LED Driver
March, 2010 ??Rev. 1
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
16-channel constant current LED driver
logo
Texas Instruments
TLC5973D TI1-TLC5973D Datasheet
360Kb / 27P
3-Channel, 12-Bit, PWM Constant-Current LED Driver
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
3-Channel Constant-Current LED Driver
logo
Comchip Technology
TB62783FNG COMCHIP-TB62783FNG_15 Datasheet
74Kb / 6P
8-Channel Constant-Current LED Driver
TCA62724FMG COMCHIP-TCA62724FMG_15 Datasheet
212Kb / 15P
3-Channel Constant-Current LED Driver
logo
SamHop Microelectronics...
SM6704 SAMHOP-SM6704 Datasheet
86Kb / 1P
4-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4109 ONSEMI-CAT4109_15 Datasheet
187Kb / 10P
3-Channel Constant-Current RGB LED Driver
May, 2015 ??Rev. 6
logo
List of Unclassifed Man...
UCS1903 ETC2-UCS1903 Datasheet
1Mb / 10P
3-Channel Constant Current LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com