Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P25Q16L Datasheet (PDF) - Puya Semiconductor Co., Ltd.

P25Q16L Datasheet PDF - Puya Semiconductor Co., Ltd.
Part # P25Q16L
Download  P25Q16L Download
File Size   2767.86 Kbytes
Page   67 Pages
Manufacturer  PUYA [Puya Semiconductor Co., Ltd.]
Direct Link  http://www.puyasemi.com/index_en.html
Logo PUYA - Puya Semiconductor Co., Ltd.
Description Ultra Low Power, 16M-bit

P25Q16L Datasheet (PDF)

Go To PDF Page Download Datasheet
P25Q16L Datasheet PDF - Puya Semiconductor Co., Ltd.

Part # P25Q16L
Download  P25Q16L Click to download

File Size   2767.86 Kbytes
Page   67 Pages
Manufacturer  PUYA [Puya Semiconductor Co., Ltd.]
Direct Link  http://www.puyasemi.com/index_en.html
Logo PUYA - Puya Semiconductor Co., Ltd.
Description Ultra Low Power, 16M-bit

P25Q16L Datasheet (HTML) - Puya Semiconductor Co., Ltd.


P25Q16L Product details

2 Description
The
P25Q16L is a serial interface Flash memory device designed for use in a wide variety of high volume
consumer based applications in which program code is shadowed from Flash memory into embedded or
external RAM for execution. The flexible erase architecture of the device, with its page erase granularity it is
ideal for data storage as well, el iminating the need for additional data storage devices.
The erase block sizes of the device have been optimized to meet the needs of today's code and data storage
applications. By optimizing the size of the erase blocks, the memory space can be used much m ore efficiently.
Because certain code modules and data storage segments must reside by themselves in their own erase
regions, the wasted and unused memory space that occurs with large sectored and large block erase Flash
memory devices can be greatly reduc ed. This increased memory space efficiency allows additional code
routines and data storage segments to be added while still maintaining the same overall device density.
The device also contains an additional 3*512
byte security registers with OTP lock (O ne Time
Programmable), can be used for purposes such as unique device serialization, system level Electronic Serial
Number (ESN) storage, locked key storage, etc.
Specifically designed for use in many different systems, the device supports read, program, and erase
operations with a wide supply voltage range of 1.65V to 2.0 V. No separate voltage is required for
programming and erasing.




Similar Part No. - P25Q16L

ManufacturerPart #DatasheetDescription
logo
Puya Semiconductor Co.,...
P25Q16SH PUYA-P25Q16SH Datasheet
3Mb / 109P
Ultra Low Power, 16M-bit
P25Q16SH-NXH-IR- PUYA-P25Q16SH-NXH-IR- Datasheet
3Mb / 109P
Ultra Low Power, 16M-bit
P25Q16SH-NXH-IR-D PUYA-P25Q16SH-NXH-IR-D Datasheet
3Mb / 109P
Ultra Low Power, 16M-bit
P25Q16SH-NXH-IR-X PUYA-P25Q16SH-NXH-IR-X Datasheet
3Mb / 109P
Ultra Low Power, 16M-bit
P25Q16SH-NXH-IT- PUYA-P25Q16SH-NXH-IT- Datasheet
3Mb / 109P
Ultra Low Power, 16M-bit
More results


Similar Description - P25Q16L

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC66LV10016AL ICSI-IC66LV10016AL Datasheet
167Kb / 13P
16M-BIT (1M-WORD BY 16-BIT) Low Power Pseudo SRAM
logo
NEC
UPD4416001 NEC-UPD4416001 Datasheet
83Kb / 12P
16M-BIT CMOS FAST SRAM 16M-WORD BY 1-BIT
logo
List of Unclassifed Man...
N55S016 ETC2-N55S016 Datasheet
492Kb / 17P
16M-BIT Low Voltage, Serial MASK ROM
logo
Puya Semiconductor Co.,...
P25Q16SH PUYA-P25Q16SH Datasheet
3Mb / 109P
Ultra Low Power, 16M-bit
P25Q16U PUYA-P25Q16U Datasheet
2Mb / 69P
Ultra Low Power, 16M-bit
P25Q32U PUYA-P25Q32U Datasheet
3Mb / 91P
Ultra Low Power, 32M-bit
P25Q40SU PUYA-P25Q40SU Datasheet
2Mb / 100P
Ultra Low Power, 4M-bit
P25Q64LE PUYA-P25Q64LE Datasheet
3Mb / 96P
Ultra Low Power, 64M-bit
July. 13, 2021
P25Q16SL PUYA-P25Q16SL Datasheet
3Mb / 110P
Ultra Low Power, 16M-bit Serial Multi I/O Flash Memory Datasheet
Apr. 12, 2021
P25Q16SU PUYA-P25Q16SU Datasheet
3Mb / 107P
Ultra Low Power, 16M-bit Serial Multi I/O Flash Memory Datasheet
Jan. 20, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com