Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-8B35 Datasheet (PDF) - List of Unclassifed Manufacturers

DI-8B35 Datasheet PDF - List of Unclassifed Manufacturers
Part # DI-8B35
Download  DI-8B35 Download
File Size   321.9 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Linearized 4-Wire RTD Input Modules

DI-8B35 Datasheet (PDF)

Go To PDF Page Download Datasheet
DI-8B35 Datasheet PDF - List of Unclassifed Manufacturers

Part # DI-8B35
Download  DI-8B35 Click to download

File Size   321.9 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Linearized 4-Wire RTD Input Modules

DI-8B35 Datasheet (HTML) - List of Unclassifed Manufacturers


DI-8B35 Product details

[DATAQ Instruments, Inc.]

DESCRIPTION
DI-8B modules are an optimal solution for monitoring real-world process signals and providing high level signals to a data acquisition system. Each DI-8B35 module isolates, flters, amplifes, and linearizes a single channel of temperature input from an RTD and provides an analog voltage output.

FEATURES
• Interfaces to 100Ω Platinum RTDs
• Linearizes RTD Signal
• High Level Voltage Outputs
• 1500Vrms Transformer Isolation
• ANSI/IEEE C37.90.1 Transient Protection
• Input Protected to 240VAC Continuous
• 120dB CMR
• 70dB NMR at 60Hz
• Low Drift with Ambient Temperature
• CSA, FM and CE Certifications Pending
• Mix and Match Module Types




Similar Part No. - DI-8B35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DI-8B32 ETC1-DI-8B32 Datasheet
333Kb / 2P
Analog Current Input Modules
DI-8B32-01 ETC1-DI-8B32-01 Datasheet
333Kb / 2P
Analog Current Input Modules
DI-8B32-02 ETC1-DI-8B32-02 Datasheet
333Kb / 2P
Analog Current Input Modules
More results


Similar Description - DI-8B35

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B14 AD-7B14 Datasheet
529Kb / 8P
Non Isolated, Linearized RTD Input
logo
List of Unclassifed Man...
DI-8B47 ETC1-DI-8B47 Datasheet
321Kb / 2P
Linearized Thermocouple Input Modules
logo
Analog Devices
3B34 AD-3B34 Datasheet
358Kb / 8P
Isolated, Linearized RTD Input
5B34 AD-5B34 Datasheet
697Kb / 8P
Isolated Linearized RTD Input
7B34 AD-7B34 Datasheet
549Kb / 8P
Isolated, Linearized RTD Input
3B34 AD-3B34_15 Datasheet
399Kb / 8P
Isolated, Linearized RTD Input
REV. 0
5B34 AD-5B34_15 Datasheet
699Kb / 8P
Isolated Linearized RTD Input
REV. 0
5B35 AD-5B35_15 Datasheet
697Kb / 9P
Isolated Linearized 4-Wire RTD Input
REV. 0
7B14 AD-7B14_15 Datasheet
535Kb / 8P
Non Isolated, Linearized RTD Input
REV. 0
7B34 AD-7B34_15 Datasheet
550Kb / 8P
Isolated, Linearized RTD Input
REV. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com