Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1424317 Datasheet (PDF) - PHOENIX CONTACT

1424317 Datasheet PDF - PHOENIX CONTACT
Part # 1424317
Download  1424317 Download
File Size   1650.08 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M12FS-5CON-M16/0,75 - Device connector, rear mounting

1424317 Datasheet (PDF)

Go To PDF Page Download Datasheet
1424317 Datasheet PDF - PHOENIX CONTACT

Part # 1424317
Download  1424317 Click to download

File Size   1650.08 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M12FS-5CON-M16/0,75 - Device connector, rear mounting

1424317 Datasheet (HTML) - PHOENIX CONTACT


1424317 Product details

Device connector, rear mounting, Universal, 5-position, Socket, M12, coding: A , Rear mounting,
M16 x 1.5, Individual wires, cable length: 0.75 m, 0.34 mm2, TPE litz wire, Alternative product in
accordance with RoHS II without Exemption 6c (Pb <0.1%) item no.: 1239478

Your advantages
• Pre-assembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• All standard pin assignments and codings for signal, data, and power transmission with a uniform design-in design
• For high transmission safety: shield connection to the housing with optional EMC nut
• SPEEDCON fast locking system reduces cabling times




Similar Part No. - 1424317

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1424303-2 TEC-1424303-2 Datasheet
5Mb / 4P
SHOULD BE CONTACTED FOR THE LATEST REVISION.
1424303-2 TEC-1424303-2 Datasheet
5Mb / 4P
IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
1424303-2 TEC-1424303-2 Datasheet
4Mb / 4P
IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
1424303-3 TEC-1424303-3 Datasheet
5Mb / 4P
IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
logo
PHOENIX CONTACT
1424326 PHOENIX-1424326 Datasheet
62Kb / 4P
Panel feed-through - SACC-4P-DSI-M12FSD/FSD-M16
More results


Similar Description - 1424317

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1419645 PHOENIX-1419645 Datasheet
543Kb / 14P
SACC-DSI-M12MS-5CON-M16/0,5 - Device connector, rear mounting
1419658 PHOENIX-1419658 Datasheet
1Mb / 14P
SACC-DSI-M12FS-5CON-M16/0,5 - Device connector, rear mounting
1419739 PHOENIX-1419739 Datasheet
467Kb / 12P
SACC-DSI-M12FS-17CON-M16/0,5 - Device connector, rear mounting
1441778 PHOENIX-1441778 Datasheet
1Mb / 11P
SACC-DSI-M12FS-5CON-M16 - Device connector, rear mounting
1441817 PHOENIX-1441817 Datasheet
514Kb / 12P
SACC-DSI-M12FS-8CON-M16 - Device connector, rear mounting
1419771 PHOENIX-1419771 Datasheet
455Kb / 11P
SACC-DSI-M12FS-4CON-M16 SH - Device connector, rear mounting
1441833 PHOENIX-1441833 Datasheet
526Kb / 12P
SACC-DSI-M12FS-12CON-M16 - Device connector, rear mounting
1441891 PHOENIX-1441891 Datasheet
1Mb / 12P
SACC-DSI-M12FS-5CON-M16 SH - Device connector, rear mounting
1441930 PHOENIX-1441930 Datasheet
518Kb / 12P
SACC-DSI-M12FS-8CON-M16 SH - Device connector, rear mounting
1441765 PHOENIX-1441765 Datasheet
517Kb / 11P
SACC-DSI-M12MS-5CON-M16 - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com