Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1542994 Datasheet (PDF) - PHOENIX CONTACT

1542994 Datasheet PDF - PHOENIX CONTACT
Part # 1542994
Download  1542994 Download
File Size   564.15 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-MR-5CON-PG 7-M SCO - Connector

1542994 Datasheet (PDF)

Go To PDF Page Download Datasheet
1542994 Datasheet PDF - PHOENIX CONTACT

Part # 1542994
Download  1542994 Click to download

File Size   564.15 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-MR-5CON-PG 7-M SCO - Connector

1542994 Datasheet (HTML) - PHOENIX CONTACT


1542994 Product details

Connector, Universal, 5-position, Plug angled M12 SPEEDCON, A, Screw connection, knurl
material: Nickel-plated brass, cable gland Pg7, external cable diameter 4 mm ... 6 mm

Your advantages
• Safe use in the field, thanks to a high degree of protection
• Save time, thanks to installation with SPEEDCON fast locking system
• Screw connection: proven connection technology for a large selection of different conductors




Similar Part No. - 1542994

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1542990000 WEIDMULLER-1542990000 Datasheet
432Kb / 7P
BVZ 7.62HP/04/180MF2 SN BK BX
More results


Similar Description - 1542994

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1662984 PHOENIX-1662984 Datasheet
164Kb / 5P
SACC-M12FR-5CON-PG 7-M
1663129 PHOENIX-1663129 Datasheet
165Kb / 5P
SACC-M12MR-5CON-PG 7-M
1542965 PHOENIX-1542965 Datasheet
147Kb / 9P
Connector - SACC-MS-5CON-PG 7-M SCO
09/11/2020
1542978 PHOENIX-1542978 Datasheet
144Kb / 9P
Connector - SACC-MS-5CON-PG 9-M SCO
09/11/2020
1543061 PHOENIX-1543061 Datasheet
152Kb / 9P
Connector - SACC-FR-5CON-PG 7-M SCO
09/11/2020
1542981 PHOENIX-1542981 Datasheet
626Kb / 16P
SACC-MR-4CON-PG 7-M SCO - Connector
1543003 PHOENIX-1543003 Datasheet
573Kb / 14P
SACC-MR-5CON-PG 9-M SCO - Connector
1543032 PHOENIX-1543032 Datasheet
1Mb / 13P
SACC-FS-5CON-PG 7-M SCO - Connector
1543045 PHOENIX-1543045 Datasheet
1Mb / 13P
SACC-FS-5CON-PG 9-M SCO - Connector
1543414 PHOENIX-1543414 Datasheet
1Mb / 14P
SACC-FR-5CON-PG 9-M SCO - Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com