Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-2420 Datasheet (PDF) - Renesas Technology Corp

HA-2420 Datasheet PDF - Renesas Technology Corp
Part # HA-2420
Download  HA-2420 Download
File Size   659.38 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.2μs Sample and Hold Amplifiers

HA-2420 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-2420 Datasheet PDF - Renesas Technology Corp

Part # HA-2420
Download  HA-2420 Click to download

File Size   659.38 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.2μs Sample and Hold Amplifiers

HA-2420 Datasheet (HTML) - Renesas Technology Corp


HA-2420 Product details

Features
• Maximum Acquisition Time
- 10V Step to 0.1% . . . . . . . . . . . . . . . . . . . . . 4μs (Max)
- 10V Step to 0.01% . . . . . . . . . . . . . . . . . . . . 6μs (Max)
• Low Droop Rate (CH = 1000pF). . . . . . . . . . 5μV/ms (Typ)
• Gain Bandwidth Product . . . . . . . . . . . . . . . 2.5MHz (Typ)
• Low Effective Aperture Delay Time . . . . . . . . . 30ns (Typ)
• TTL Compatible Control Input
• ±12V to ±15V Operation




Similar Part No. - HA-2420

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2420 INTERSIL-HA-2420 Datasheet
363Kb / 12P
3.2 us Sample and Hold Amplifiers
November 19, 2004
More results


Similar Description - HA-2420

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
MSH-840 DATEL-MSH-840 Datasheet
102Kb / 1P
Sample and Hold Amplifiers
SHM-49MC DATEL-SHM-49MC Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-49MC-C DATEL-SHM-49MC-C Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-49ME-C DATEL-SHM-49ME-C Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-14883 DATEL-SHM-14883 Datasheet
104Kb / 1P
Sample and Hold Amplifiers
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
Sample and Hold Amplifiers
SHM-50GE-C DATEL-SHM-50GE-C Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-50MM DATEL-SHM-50MM Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-950GC DATEL-SHM-950GC Datasheet
104Kb / 1P
Sample and Hold Amplifiers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com