Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA2-2640-2 Datasheet (PDF) - Renesas Technology Corp

HA2-2640-2 Datasheet PDF - Renesas Technology Corp
Part # HA2-2640-2
Download  HA2-2640-2 Download
File Size   577.94 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4MHz, High Supply Voltage Operational Amplifiers

HA2-2640-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA2-2640-2 Datasheet PDF - Renesas Technology Corp

Part # HA2-2640-2
Download  HA2-2640-2 Click to download

File Size   577.94 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4MHz, High Supply Voltage Operational Amplifiers

HA2-2640-2 Datasheet (HTML) - Renesas Technology Corp


HA2-2640-2 Product details

Features
• Output Voltage Swing . . . . . . . . . . . . . . . . . . . . . . . 35V
• Supply Voltage . . . . . . . . . . . . . . . . . . . . . . 10V to 40V
• Offset Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5nA
• Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4MHz
• Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V/s
• Common Mode Input Voltage Range. . . . . . . . . . . . 35V
• Output Overload Protection




Similar Part No. - HA2-2640-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA2-2640-2 INTERSIL-HA2-2640-2 Datasheet
89Kb / 6P
4MHz, High Supply Voltage Operational Amplifiers
September 1998
HA2-2640-2 INTERSIL-HA2-2640-2 Datasheet
285Kb / 8P
4MHz, High Supply Voltage Operational Amplifiers
January 3, 2006
More results


Similar Description - HA2-2640-2

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4742 NEC-UPC4742 Datasheet
84Kb / 12P
SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HA-2640 INTERSIL-HA-2640 Datasheet
89Kb / 6P
4MHz, High Supply Voltage Operational Amplifiers
September 1998
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
ISL55002 INTERSIL-ISL55002 Datasheet
699Kb / 14P
High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
July 15, 2005
logo
Cirrus Logic
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HA-2640 INTERSIL-HA-2640_06 Datasheet
285Kb / 8P
4MHz, High Supply Voltage Operational Amplifiers
January 3, 2006
logo
Cirrus Logic
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
Single Supply Operational Amplifiers
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
Single-Supply Operational Amplifiers
3580 TI1-3580 Datasheet
2Mb / 6P
High Voltage OPERATIONAL AMPLIFIERS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com