Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-5142 Datasheet (PDF) - Renesas Technology Corp

HA-5142 Datasheet PDF - Renesas Technology Corp
Part # HA-5142
Download  HA-5142 Download
File Size   768.65 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual, 400kHz, Ultra-Low Power Operational Amplifier

HA-5142 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-5142 Datasheet PDF - Renesas Technology Corp

Part # HA-5142
Download  HA-5142 Click to download

File Size   768.65 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual, 400kHz, Ultra-Low Power Operational Amplifier

HA-5142 Datasheet (HTML) - Renesas Technology Corp


HA-5142 Product details

Features
• Low Supply Current . . . . . . . . . . . . . . . . . . . . . 45μA/Amp
• Wide Supply Voltage Range Single . . . . . . . . . 3V to 30V
- or Dual . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±1.5V to ±15V
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5V/μs
• High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100kV/V
• Unity Gain Stable




Similar Part No. - HA-5142

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5142 INTERSIL-HA-5142 Datasheet
774Kb / 10P
Dual, 400kHz, Ultra-Low Power Operational Amplifier
April 1999
HA-5142 INTERSIL-HA-5142 Datasheet
761Kb / 10P
Dual, 400kHz, Ultra-Low Power Operational Amplifier
November 16, 2004
HA-5142/883 INTERSIL-HA-5142/883 Datasheet
561Kb / 5P
Dual, Ultra Low Power Operational Amplifier
July 1994
HA-5142883 INTERSIL-HA-5142883 Datasheet
561Kb / 5P
Dual, Ultra Low Power Operational Amplifier
July 1994
HA-5142 INTERSIL-HA-5142_04 Datasheet
761Kb / 10P
Dual, 400kHz, Ultra-Low Power Operational Amplifier
November 16, 2004
More results


Similar Description - HA-5142

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2122 NJRC-NJM2122 Datasheet
271Kb / 6P
ULTRA LOW NOISE DUAL OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5142 INTERSIL-HA-5142 Datasheet
774Kb / 10P
Dual, 400kHz, Ultra-Low Power Operational Amplifier
April 1999
HA-5142883 INTERSIL-HA-5142883 Datasheet
561Kb / 5P
Dual, Ultra Low Power Operational Amplifier
July 1994
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
Low Power Dual Operational Amplifier
logo
Intersil Corporation
HA-5142 INTERSIL-HA-5142_04 Datasheet
761Kb / 10P
Dual, 400kHz, Ultra-Low Power Operational Amplifier
November 16, 2004
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
Low power dual operational amplifier
08-Apr-2008
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
Low Power Dual Operational Amplifier
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
Low power dual operational amplifier
logo
Microchip Technology
MIC861 MICROCHIP-MIC861 Datasheet
2Mb / 24P
Ultra-Low Power Operational Amplifier
02/28/20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com