Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CH0201S Datasheet (PDF) - Cvilux Corporation

CH0201S Datasheet PDF - Cvilux Corporation
Part # CH0201S
Download  CH0201S Download
File Size   104.95 Kbytes
Page   1 Pages
Manufacturer  CVILUX [Cvilux Corporation]
Direct Link  https://www.cvilux.com/
Logo CVILUX - Cvilux Corporation
Description 1.27mm SINGLE ROW BOARD MOUNT PIN HEADER

CH0201S Datasheet (PDF)

Go To PDF Page Download Datasheet
CH0201S Datasheet PDF - Cvilux Corporation

Part # CH0201S
Download  CH0201S Click to download

File Size   104.95 Kbytes
Page   1 Pages
Manufacturer  CVILUX [Cvilux Corporation]
Direct Link  https://www.cvilux.com/
Logo CVILUX - Cvilux Corporation
Description 1.27mm SINGLE ROW BOARD MOUNT PIN HEADER

CH0201S Datasheet (HTML) - Cvilux Corporation




Similar Part No. - CH0201S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CH02016 VISHAY-CH02016 Datasheet
144Kb / 11P
High Frequency 50 GHz Thin Film Chip Resistor
28-Aug-13
CH02016 VISHAY-CH02016 Datasheet
175Kb / 12P
AEC-Q200 Qualified High Frequency 70 GHz Thin Film Chip Resistor
27-Apr-2022
CH02016F VISHAY-CH02016F Datasheet
175Kb / 12P
AEC-Q200 Qualified High Frequency 70 GHz Thin Film Chip Resistor
27-Apr-2022
CH02016P VISHAY-CH02016P Datasheet
175Kb / 12P
AEC-Q200 Qualified High Frequency 70 GHz Thin Film Chip Resistor
27-Apr-2022
More results


Similar Description - CH0201S

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M52-040000P1045 HARWIN-M52-040000P1045 Datasheet
97Kb / 1P
1.27MM PITCH SIL SURFACE MOUNT PIN HEADER
M52-040000P0545 HARWIN-M52-040000P0545 Datasheet
59Kb / 1P
1.27mm PITCH SIL SURFACE MOUNT PIN HEADER
logo
Cvilux Corporation
CH0202S CVILUX-CH0202S Datasheet
110Kb / 1P
1.27mm(,050°) SINGLE ROW SURFACE BOARD MOUNT PIN HEADER
CH0220S CVILUX-CH0220S Datasheet
150Kb / 2P
1.27mm(.050") SINGLE ROW BOARD MOUNT PIN HEADER
CH0301S CVILUX-CH0301S Datasheet
105Kb / 1P
1.27mm(.0507) SINGLE ROW DUAL BODY BOARD MOUNT PIN HEADER
CH0302S CVILUX-CH0302S Datasheet
116Kb / 1P
1.27mm(.050%) SINGLE ROW DUAL BODY SURFACE BOARD MOUNT PIN HEADER
CH0601S2 CVILUX-CH0601S2 Datasheet
196Kb / 2P
1.27MM(.050°) STRAIGHT DUAL ROW BORAD MOUNT PIN HEADER
CH0901S CVILUX-CH0901S Datasheet
95Kb / 1P
1.27mm(050") SINGLE ROW BOARD MOUNT PIN HEADER
CH2102S CVILUX-CH2102S Datasheet
114Kb / 1P
2.00mm(.079") SINGLE ROW DUAL BODY SURFACE BOARD MOUNT PIN HEADER
CH31201S CVILUX-CH31201S Datasheet
162Kb / 2P
9 54mm(.100") SINGLE ROW SURFACE BOARD MOUNT PIN HEADER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com