Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCE20P07N Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE20P07N Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE20P07N
Download  NCE20P07N Download
File Size   282.46 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE P-Channel Enhancement Mode Power MOSFET

NCE20P07N Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE20P07N Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE20P07N
Download  NCE20P07N Click to download

File Size   282.46 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE P-Channel Enhancement Mode Power MOSFET

NCE20P07N Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE20P07N Product details

Description
The NCE20P07N uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as1.8V. This device is suitable for use as a
load switch or in PWM applications .It is ESD protested.
General Features
● VDS = -20V,ID =-7A
RDS(ON) < 45mΩ @ VGS=-2.5V
RDS(ON) < 35mΩ @ VGS=-4.5V
ESD Rating: 2500V HBM
● High Power and current handing capability
● Surface mount package
● Pb free terminal plating
● RoHS compliant
● Halogen free
Application
● PWM application
● Load switch




Similar Part No. - NCE20P07N

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE20P05J NCEPOWER-NCE20P05J Datasheet
737Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
V1.0
NCE20P05Y NCEPOWER-NCE20P05Y Datasheet
298Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
V1.0
NCE20P08J NCEPOWER-NCE20P08J Datasheet
726Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
V1.0
NCE20P09S NCEPOWER-NCE20P09S Datasheet
444Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
More results


Similar Description - NCE20P07N

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE2301A NCEPOWER-NCE2301A Datasheet
342Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE2301C NCEPOWER-NCE2301C Datasheet
328Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE01P18L NCEPOWER-NCE01P18L Datasheet
317Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE15P25 NCEPOWER-NCE15P25 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE20P70G NCEPOWER-NCE20P70G Datasheet
367Kb / 6P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P12S NCEPOWER-NCE30P12S Datasheet
370Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P15S NCEPOWER-NCE30P15S Datasheet
347Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P06S NCEPOWER-NCE40P06S Datasheet
402Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P40K NCEPOWER-NCE40P40K Datasheet
477Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE55P15 NCEPOWER-NCE55P15 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com