Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1302 Datasheet (PDF) - Maxim Integrated Products

MAX1302 Datasheet PDF - Maxim Integrated Products
Part # MAX1302
Download  MAX1302 Download
File Size   1042.91 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs

MAX1302 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1302 Datasheet PDF - Maxim Integrated Products

Part # MAX1302
Download  MAX1302 Click to download

File Size   1042.91 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs

MAX1302 Datasheet (HTML) - Maxim Integrated Products


MAX1302 Product details

General Description
The MAX1302/MAX1303 multirange, low-power, 16-bit, successive-approximation, analog-to-digital converters (ADCs) operate from a single +5V supply and achieve throughput rates up to 115ksps. A separate digital supply allows digital interfacing with 2.7V to 5.25V systems using the SPI™-/QSPI™-/MICROWIRE™-compatible serial interface. Partial power-down mode reduces the supply current to 1.3mA (typ). Full power-down mode reduces the power-supply current to 1µA (typ).

Features
♦ Software-Programmable Input Range for Each Channel
♦ Single-Ended Input Ranges
    0 to +VREF/2, -VREF/2 to 0, 0 to +VREF, -VREF to 0, ±VREF/4, ±VREF/2, and ±VREF
♦ Differential Input Ranges ±VREF/2, ±VREF, and ±2 x VREF
♦ Eight Single-Ended or Four Differential Analog Inputs (MAX1302)
♦ Four Single-Ended or Two Differential Analog Inputs (MAX1303)
♦ ±6V Overvoltage Tolerant Inputs
♦ Internal or External Reference
♦ 115ksps Maximum Sample Rate
♦ Single +5V Power Supply
♦ 20-/24-Pin TSSOP Package

Applications
    Industrial Control Systems
    Data-Acquisition Systems
    Avionics
    Robotics




Similar Part No. - MAX1302

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1302 MAXIM-MAX1302 Datasheet
625Kb / 31P
8-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADC
Rev 0; 3/12
MAX13020 MAXIM-MAX13020 Datasheet
373Kb / 15P
±60V Fault-Protected LIN Transceivers
Rev 1; 6/06
MAX13020ASA+ MAXIM-MAX13020ASA+ Datasheet
373Kb / 15P
±60V Fault-Protected LIN Transceivers
Rev 1; 6/06
MAX13020 MAXIM-MAX13020_12 Datasheet
308Kb / 16P
±60V Fault-Protected LIN Transceivers
Rev 2; 10/12
MAX13021 MAXIM-MAX13021 Datasheet
373Kb / 15P
±60V Fault-Protected LIN Transceivers
Rev 1; 6/06
More results


Similar Description - MAX1302

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1034 MAXIM-MAX1034 Datasheet
832Kb / 31P
8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
MAX1300 MAXIM-MAX1300 Datasheet
977Kb / 31P
8-/4-Channel, 12V Multirange Inputs, Serial 16-Bit ADCs
Rev 1; 11/06
MAX1032 MAXIM-MAX1032_11 Datasheet
859Kb / 32P
8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 4; 8/11
MAX1300 MAXIM-MAX1300_10 Datasheet
1,017Kb / 32P
8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 2; 6/10
MAX1032_1112 MAXIM-MAX1032_1112 Datasheet
1Mb / 32P
8- and 4-Channel, 3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 5; 12/11
MAX1034 MAXIM-MAX1034_12 Datasheet
431Kb / 31P
8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 2; 3/12
MAX1302 MAXIM-MAX1302_12 Datasheet
625Kb / 31P
8-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADC
Rev 0; 3/12
MAX1303 MAXIM-MAX1303_12 Datasheet
509Kb / 29P
4-Channel, ±VREF Multirange Inputs,Serial 16-Bit ADC
Rev 2; 3/12
MAX1032 MAXIM-MAX1032_V01 Datasheet
904Kb / 32P
8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
2013
MAX1300 MAXIM-MAX1300_V01 Datasheet
2Mb / 31P
8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
2011
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com