Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25460 Datasheet (PDF) - Analog Devices

MAX25460 Datasheet PDF - Analog Devices
Part # MAX25460
Download  MAX25460 Download
File Size   1880.79 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Automotive 1.5A Step-Down Converter with USB Protection/Host Charger Adapter Emulator

MAX25460 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX25460 Datasheet PDF - Analog Devices

Part # MAX25460
Download  MAX25460 Click to download

File Size   1880.79 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Automotive 1.5A Step-Down Converter with USB Protection/Host Charger Adapter Emulator

MAX25460 Datasheet (HTML) - Analog Devices


MAX25460 Product details

General Description
The MAX25460 combines a 1.5A high-efficiency, automotive-
grade, step-down converter, a USB BC1.2 host charger
emulator, and high-bandwidth USB protection switches
for automotive USB 2.0 host applications. The device also
includes a USB load current-sense amplifier and a configurable
feedback adjustment circuit that provides automatic
USB voltage compensation for voltage drops in captive
cables often found in automotive applications. The device
limits the USB load current using both a fixed internal
peak-current threshold and a user-configurable external
current-sense USB load threshold.
The MAX25460 is optimized for 2.2MHz operation allowing
optimization of efficiency, noise, and board space
based on the application requirements. The DC-DC converter
integrates a high-side MOSFET and uses a low
forward-drop freewheeling Schottky diode for rectification.
There is a small low-side n-channel switch to maintain
fixed frequency under light loads. The IC includes an external
SYNC input/output, and can be configured for
spread-spectrum operation.
The MAX25460 allows flexible configuration and advanced
diagnostic options for both standalone and supervised
applications. The device can be programmed using
either external programming resistors and/or internal I2C
registers through the I2C bus.
The MAX25460 is available in a small 4mm x 5mm 24-pin
TQFN package and is designed to minimize required external
components and layout area.

Benefits and Features
● One-Chip Type-A Solution Directly from Car Battery to
Portable Device
• 1GHz Bandwidth USB 2.0 Data Switches
• 4.5V to 28V (40V Load Dump) Operating Voltage
• 5V to 6V, 1.5A Output Capability
● Optimal USB Charging and Communication for
Portable Devices
• User-Programmable Voltage Gain Adjusts Output
for Up to 474mΩ Cable Resistance
• User-Programmable USB Current Limit
• Supports USB BC1.2 CDP and SDP Modes
• Compatible with USB On-the-Go Specification and
Apple CarPlay®
● Low-Noise Features Prevent Interference with AM
Band and Portable Devices
• Fixed-Frequency 2.2MHz Operation
• Fixed-Pulse-Width Modulation (PWM) Option at No
Load
• Spread Spectrum for Electromagnetic Interference
(EMI) Reduction
• SYNC Input/Output for Frequency Parking
● Robust Design Keeps Vehicle System and Portable
Device Safe in an Automotive Environment
• Short-to-Battery Protection on VBUS, HVD± Pins
• Advanced Diagnostics through I2C Bus
• ±15kV Air/±8kV Contact ISO 10605 (330pF, 2kΩ)*
• ±15kV Air/±8kV Contact IEC 61000-4-2 (150pF,
330Ω)*
• Overtemperature Protection and Warning
• -40°C to +125°C Operating Temperature Range

Applications
● Automotive Radio and Navigation
● USB Port for Host and Hub Applications
● Automotive Connectivity/Telematics




Similar Part No. - MAX25460

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX25400 MAXIM-MAX25400 Datasheet
466Kb / 7P
Protects D and D- Signals from Overvoltages Up to 18V and ESD Events
Rev 0; 6/20
MAX25400EVKIT MAXIM-MAX25400EVKIT Datasheet
466Kb / 7P
Protects D and D- Signals from Overvoltages Up to 18V and ESD Events
Rev 0; 6/20
MAX25400EVKIT# MAXIM-MAX25400EVKIT# Datasheet
466Kb / 7P
Protects D and D- Signals from Overvoltages Up to 18V and ESD Events
Rev 0; 6/20
MAX25405 MAXIM-MAX25405 Datasheet
292Kb / 39P
IR Gesture Sensor with Lens for Automotive Applications
Rev 0; 5/21
MAX25405 MAXIM-MAX25405 Datasheet
1Mb / 12P
Simple yet Flexible Gesture Solution
Rev 0; 4/21
More results


Similar Description - MAX25460

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1145 ANALOGICTECH-AAT1145_08 Datasheet
851Kb / 17P
1.5A Step-Down Converter
logo
Maxim Integrated Produc...
MAX14600 MAXIM-MAX14600_12 Datasheet
2Mb / 16P
USB Host Charger Identification/Adapter Emulators
Rev 3; 5/12
MAX14667 MAXIM-MAX14667 Datasheet
558Kb / 9P
Dual USB Charger Adapter Emulator
Rev 0; 6/13
logo
Texas Instruments
TPS254900-Q1 TI1-TPS254900-Q1 Datasheet
2Mb / 40P
Automotive USB Host Charger With Short-to-VBATT Protection
TPS254900A-Q1 TI1-TPS254900A-Q1 Datasheet
2Mb / 39P
Automotive USB Host Charger With Short-to-VBATT Protection
logo
Maxim Integrated Produc...
MAX16984A MAXIM-MAX16984A Datasheet
988Kb / 36P
Automotive High-Current Step-Down Converter with USB Protection/Host Charger Adapter Emulator
Rev 2; 12/20
MAX20461 MAXIM-MAX20461 Datasheet
1Mb / 65P
Automotive High-Current Step-Down Converter with USB-C Protection/Host Charger
Rev 4; 12/20
MAX16984 MAXIM-MAX16984 Datasheet
396Kb / 7P
Automotive High-Current Step-Down Converter with USB Protection/Host Charger Adapter Emulator
Rev 6; 5/18
MAX14617 MAXIM-MAX14617 Datasheet
2Mb / 13P
USB Host Charger Identification/Adapter Emulator
19-6045; Rev 1; 2/12
MAX14600 MAXIM-MAX14600_V01 Datasheet
1Mb / 16P
USB Host Charger Identification/ Adapter Emulators
2016
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com