Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8308AGILF Datasheet (PDF) - Renesas Technology Corp

8308AGILF Datasheet PDF - Renesas Technology Corp
Part # 8308AGILF
Download  8308AGILF Download
File Size   375.83 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-8 Differential/LVCMOS-to- LVCMOS Fanout Buffer

8308AGILF Datasheet (PDF)

Go To PDF Page Download Datasheet
8308AGILF Datasheet PDF - Renesas Technology Corp

Part # 8308AGILF
Download  8308AGILF Click to download

File Size   375.83 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-8 Differential/LVCMOS-to- LVCMOS Fanout Buffer

8308AGILF Datasheet (HTML) - Renesas Technology Corp


8308AGILF Product details

FEATURES
• Eight LVCMOS/LVTTL outputs, (7Ω typical output impedance)
• Selectable LVCMOS_CLK or differential CLK, nCLK inputs
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum Output Frequency: 350MHz
• Output Skew: (3.3V± 5%): 100ps (maximum)
• Part to Part Skew: (3.3V± 5%): 1ns (maximum)
• Supply Voltage Modes:
(Core/Output)
3.3V/3.3V
3.3V/2.5V
2.5V/2.5V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 8308AGILF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8308 ETC-8308 Datasheet
178Kb / 1P
Connector Modules with Intergrated LAN Magnetics
logo
Filtran LTD
8308 FILTRAN-8308 Datasheet
179Kb / 1P
RJ-45 Connector Modules with Intergrated LAN Magnetics
logo
API Technologies Corp
8308 APITECH-8308 Datasheet
717Kb / 1P
Connector Modules with Intergrated LAN Magnetics
logo
Belden Inc.
8308 BELDEN-8308 Datasheet
209Kb / 2P
RS-232, Low Cap, #22-8pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
logo
V-COIL THREAD SYSTEM
8308 V-COIL-8308 Datasheet
102Kb / 3P
Wire-Thread-Inserts
More results


Similar Description - 8308AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8344-01 ICST-ICS8344-01 Datasheet
141Kb / 16P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. B AUGUST 6, 2001
ICS8344 ICST-ICS8344 Datasheet
131Kb / 15P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. B FEBRUARY 2, 2001
ICS8344I ICST-ICS8344I Datasheet
142Kb / 16P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. A AUGUST 9, 2001
ICS8308I ICST-ICS8308I Datasheet
226Kb / 15P
Low Skew, 1-To-8 Differential/LVCOMS-TO-LVCMOS Fanout Buffer
REV. B JULY 25, 2005
ICS83948I-01 ICST-ICS83948I-01 Datasheet
87Kb / 11P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. A SEPTEMBER 23, 2002
ICS83948I ICST-ICS83948I Datasheet
110Kb / 10P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. C DECEMBER 15, 2005
ICS8305I ICST-ICS8305I Datasheet
210Kb / 15P
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B MAY 19, 2005
logo
Integrated Device Techn...
ICS8308I IDT-ICS8308I Datasheet
300Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
logo
Renesas Technology Corp
8305-02 RENESAS-8305-02 Datasheet
1Mb / 21P
Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
May 19, 2016
ICS8305I-02 RENESAS-ICS8305I-02 Datasheet
1Mb / 21P
Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com