Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-117RH Datasheet (PDF) - Renesas Technology Corp

HS-117RH Datasheet PDF - Renesas Technology Corp
Part # HS-117RH
Download  HS-117RH Download
File Size   844.2 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Adjustable Positive Voltage Regulator

HS-117RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-117RH Datasheet PDF - Renesas Technology Corp

Part # HS-117RH
Download  HS-117RH Click to download

File Size   844.2 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Adjustable Positive Voltage Regulator

HS-117RH Datasheet (HTML) - Renesas Technology Corp


HS-117RH Product details

Features
• Electrically screened to DLA SMD # 5962-99547
• Superior temperature stability
• Overcurrent and over-temperature protection
• Wide input voltage range . . . . . . . . . . . . . . . . . . 4.25V to 40V
• Operating temperature range. . . . . . . . . . . .-55°C to +125°C
• QML qualified per MIL-PRF-38535 requirements
• Radiation environment
- SEL/SEB LETTH (VS = 40V) . . . . . . . . . . .87.4 MeV•cm2/mg
- Total Dose, High Dose Rate . . . . . . . . . . . . . . . 300krad(Si)
- Total Dose, Low Dose Rate . . . . . . . . . . . . . . . 100krad(Si)*
* Product capability established by initial characterization. The
EH version is acceptance tested on a wafer-by-wafer basis to
50krad(Si) at low dose rate.




Similar Part No. - HS-117RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-117RH INTERSIL-HS-117RH Datasheet
31Kb / 2P
Radiation Hardened Adjustable Positive Voltage Regulator
2000 02
HS-117RH INTERSIL-HS-117RH Datasheet
61Kb / 2P
Radiation Hardened Adjustable Positive Voltage Regulator
logo
Renesas Technology Corp
HS-117RH RENESAS-HS-117RH Datasheet
674Kb / 16P
Radiation Hardened Adjustable Positive Voltage Regulator
Aug 12, 2025
logo
Intersil Corporation
HS-117RH INTERSIL-HS-117RH_03 Datasheet
61Kb / 2P
Radiation Hardened Adjustable Positive Voltage Regulator
logo
Renesas Technology Corp
HS-117RH RENESAS-HS-117RH_V01 Datasheet
674Kb / 16P
Radiation Hardened Adjustable Positive Voltage Regulator
Aug 12, 2025
More results


Similar Description - HS-117RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-117RH INTERSIL-HS-117RH Datasheet
31Kb / 2P
Radiation Hardened Adjustable Positive Voltage Regulator
2000 02
ISL72991RH INTERSIL-ISL72991RH Datasheet
210Kb / 3P
Radiation Hardened Negative Low Dropout Adjustable Voltage Regulator
June 2004
HS-117RH INTERSIL-HS-117RH_03 Datasheet
61Kb / 2P
Radiation Hardened Adjustable Positive Voltage Regulator
logo
Seme LAB
IP117G SEME-LAB-IP117G Datasheet
805Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Aeroflex Circuit Techno...
VRG8660 AEROFLEX-VRG8660 Datasheet
275Kb / 6P
Adjustable Regulator Positive Voltage Radiation Tolerant
VRG8691 AEROFLEX-VRG8691 Datasheet
393Kb / 10P
Adjustable 7.5A Positive LDO Regulator Radiation Tolerant
logo
Renesas Technology Corp
ISL72991RH RENESAS-ISL72991RH Datasheet
562Kb / 15P
Radiation Hardened Low Dropout Adjustable Negative Voltage Regulator
Jun 16, 2022
ISL75051ASEH RENESAS-ISL75051ASEH Datasheet
1Mb / 22P
3A, Radiation Hardened, Positive, Ultra-Low Dropout Regulator
May 16, 2019
ISL75052SEH RENESAS-ISL75052SEH Datasheet
1Mb / 21P
1.5A, Radiation Hardened, Positive, High Voltage LDO
Feb 9, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com