Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-201HSRH Datasheet (PDF) - Renesas Technology Corp

HS-201HSRH Datasheet PDF - Renesas Technology Corp
Part # HS-201HSRH
Download  HS-201HSRH Download
File Size   353.62 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened High Speed, Quad SPST, BiCMOS Analog Switch

HS-201HSRH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-201HSRH Datasheet PDF - Renesas Technology Corp

Part # HS-201HSRH
Download  HS-201HSRH Click to download

File Size   353.62 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened High Speed, Quad SPST, BiCMOS Analog Switch

HS-201HSRH Datasheet (HTML) - Renesas Technology Corp


HS-201HSRH Product details

Features
• Electrically screened to DLA SMD# 5962-99618
• QML qualified per MIL-PRF-38535
• Radiation performance
- High dose rate (50-300rad(Si)/s). . . . . . . . . . . 300krad(Si)
- Low dose rate (0.01rad(SI)/s) . . . . . . . . . . . . . . 50krad(Si)
- SEL immune . . . . . . . . . . . . . . . . . . . . . . . . . DI RSG process
• Overvoltage protection (power on, switch off) . . . . . . . . ±30V
• Power off high impedance . . . . . . . . . . . . . . . . . . . . . . . . ±17V
• Fast switching times
- tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110ns (max)
- tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80ns (max)
• Low “ON” resistance . . . . . . . . . . . . . . . . . . . . . . . . 50Ωmax
• Pin compatible with industry standard 201 types
• Operating supply range . . . . . . . . . . . . . . . . . . . .±10V to ±15V
• Wide analog voltage range (±15V supplies) . . . . . . . . . ±15V
• TTL compatible




Similar Part No. - HS-201HSRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-201HSRH INTERSIL-HS-201HSRH Datasheet
61Kb / 2P
Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
June 2000
HS-201HSRH INTERSIL-HS-201HSRH Datasheet
239Kb / 4P
Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
March 24, 2006
logo
Renesas Technology Corp
HS-201HSRH RENESAS-HS-201HSRH Datasheet
366Kb / 7P
Radiation Hardened High Speed, Quad SPST, BiCMOS Analog Switch
May 8, 2024
logo
Intersil Corporation
HS-201HSRH INTERSIL-HS-201HSRH_06 Datasheet
239Kb / 4P
Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
March 24, 2006
HS-201HSRH INTERSIL-HS-201HSRH_13 Datasheet
259Kb / 5P
Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
June 24, 2013
More results


Similar Description - HS-201HSRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-201HSRH INTERSIL-HS-201HSRH Datasheet
61Kb / 2P
Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
June 2000
logo
Maxim Integrated Produc...
MAX334 MAXIM-MAX334 Datasheet
126Kb / 4P
High Speed Quad SPST Analog Switch
logo
Intersil Corporation
HS-201HSRH INTERSIL-HS-201HSRH_06 Datasheet
239Kb / 4P
Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
March 24, 2006
HI-201HS INTERSIL-HI-201HS_04 Datasheet
695Kb / 11P
High Speed, Quad SPST, CMOS Analog Switch
September 2004
HS-303CEH INTERSIL-HS-303CEH Datasheet
476Kb / 10P
Radiation Hardened BiCMOS Dual SPDT Analog Switch
HS-201HSRH INTERSIL-HS-201HSRH_13 Datasheet
259Kb / 5P
Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
June 24, 2013
logo
Analog Devices
ADG201S AD-ADG201S Datasheet
496Kb / 7P
High Speed Quad SPST CMOS Analog Switch
23-Feb-2017
logo
Renesas Technology Corp
HI-201HS RENESAS-HI-201HS Datasheet
781Kb / 12P
High Speed, Quad SPST, CMOS Analog Switch
September 2004
HS-302AEH RENESAS-HS-302AEH Datasheet
651Kb / 16P
Radiation Hardened BiCMOS Dual DPST Analog Switch
Jul 7, 2021
HS-303CEH RENESAS-HS-303CEH Datasheet
521Kb / 14P
Radiation Hardened BiCMOS Dual SPDT Analog Switch
Jun.17.19
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com