Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-82C54RH Datasheet (PDF) - Renesas Technology Corp

HS-82C54RH Datasheet PDF - Renesas Technology Corp
Part # HS-82C54RH
Download  HS-82C54RH Download
File Size   948.27 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened CMOS Programmable Interval Timer

HS-82C54RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-82C54RH Datasheet PDF - Renesas Technology Corp

Part # HS-82C54RH
Download  HS-82C54RH Click to download

File Size   948.27 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened CMOS Programmable Interval Timer

HS-82C54RH Datasheet (HTML) - Renesas Technology Corp


HS-82C54RH Product details

Features
•Electrically Screened to SMD # 5962-95713
•QML Qualified per MIL-PRF-38535 Requirements
•Radiation Performance
-Total Dose. . . . . . . . . . . . . . . . . . . . .100 krad(Si) (Max)
-Transient Upset . . . . . . . . . . . . . . . . . . . .>108 rad(Si)/s
-Latch Up Free EPI-CMOS
•Low Power Consumption
-IDDSB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20A
-IDDOP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12mA
•Pin Compatible with NMOS 8254 and the Intersil 82C54
•High Speed, “No Wait State” Operation with 5MHz HS-80C86RH
•Three Independent 16-Bit Counters
•Six Programmable Counter Modes
•Binary or BCD Counting
•Status Read Back Command
•Hardened Field, Self-Aligned, Junction Isolated CMOS Process
•Single 5V Supply




Similar Part No. - HS-82C54RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH Datasheet
171Kb / 21P
Radiation Hardened CMOS Programmable Interval Timer
August 1995
HS-82C54RH INTERSIL-HS-82C54RH Datasheet
203Kb / 17P
Radiation Hardened CMOS Programmable Interval Timer
August 2000
HS-82C54RH INTERSIL-HS-82C54RH_00 Datasheet
203Kb / 17P
Radiation Hardened CMOS Programmable Interval Timer
August 2000
More results


Similar Description - HS-82C54RH

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM82C53-2RS OKI-MSM82C53-2RS Datasheet
149Kb / 19P
CMOS PROGRAMMABLE INTERVAL TIMER
MSM82C54-2RS OKI-MSM82C54-2RS Datasheet
161Kb / 23P
CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
82C54 INTERSIL-82C54 Datasheet
142Kb / 17P
CMOS Programmable Interval Timer
March 1997
HS-82C54RH INTERSIL-HS-82C54RH Datasheet
171Kb / 21P
Radiation Hardened CMOS Programmable Interval Timer
August 1995
logo
Samsung semiconductor
KS82C54 SAMSUNG-KS82C54 Datasheet
953Kb / 15P
PROGRAMMABLE INTERVAL TIMER
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
CMOS PROGRAMMABLE INTERVAL TIMER
logo
Mitsubishi Electric Sem...
M5M82C54P MITSUBISHI-M5M82C54P Datasheet
916Kb / 11P
CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH_00 Datasheet
203Kb / 17P
Radiation Hardened CMOS Programmable Interval Timer
August 2000
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
CMOS Programmable Interval Timer
November 26, 2013
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
CMOS Programmable Interval Timer
Sep 15, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com