Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF40106B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF40106B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF40106B
Download  HEF40106B Download
File Size   240.12 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex inverting Schmitt trigger

HEF40106B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF40106B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF40106B
Download  HEF40106B Click to download

File Size   240.12 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex inverting Schmitt trigger

HEF40106B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF40106B Product details

1. General description
The HEF40106B is a hex inverter with Schmitt-trigger inputs. Inputs include clamp diodes. This
enables the use of current limiting resistors to interface inputs to voltages in excess of VDD.
2. Features and benefits
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Schmitt trigger input discrimination
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2 kV
• MM JESD22-A115-B exceeds 200 V
3. Applications
• Wave and pulse shapers
• Astable multivibrators
• Monostable multivibrators




Similar Part No. - HEF40106B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40106B PHILIPS-HEF40106B Datasheet
85Kb / 7P
Hex inverting Schmitt trigger
January 1995
logo
List of Unclassifed Man...
HEF40106B ETC2-HEF40106B Datasheet
85Kb / 7P
Hex inverting Schmitt trigger
logo
NXP Semiconductors
HEF40106B-Q100 NXP-HEF40106B-Q100 Datasheet
1Mb / 2P
NXP Logic ??Q100 logic portfolio
logo
Nexperia B.V. All right...
HEF40106B-Q100 NEXPERIA-HEF40106B-Q100 Datasheet
238Kb / 14P
Hex inverting Schmitt trigger
Rev. 3 - 7 October 2022
logo
NXP Semiconductors
HEF40106BD PHILIPS-HEF40106BD Datasheet
85Kb / 7P
Hex inverting Schmitt trigger
January 1995
More results


Similar Description - HEF40106B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
Hex inverting Schmitt trigger
1999 Sep 27
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com