Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4538B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4538B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4538B
Download  HEF4538B Download
File Size   246.91 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual precision monostable multivibrator

HEF4538B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4538B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4538B
Download  HEF4538B Click to download

File Size   246.91 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual precision monostable multivibrator

HEF4538B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4538B Product details

1. General description
The HEF4538B is a dual retriggerable-resettable monostable multivibrator. Each multivibrator has
an active LOW trigger/retrigger input (nA), an active HIGH trigger/retrigger input (nB), an overriding
active LOW direct reset input (nCD), an output (nQ) and its complement (nQ), and two pins
(nREXT/CEXT, and nCEXT, always connected to ground) for connecting the external timing
components CEXT and REXT. Typical pulse width variation over the specified temperature range is
±0.2 %.
The multivibrator may be triggered by either the positive or the negative edges of the input pulse
and will produce an accurate output pulse with a pulse width range of 10 μs to infinity. The duration
and accuracy of the output pulse are determined by the external timing components CEXT and
REXT. The output pulse width (tW) is equal to REXT × CEXT. The linear design techniques in
LOCMOS (Local Oxide CMOS) guarantee precise control of the output pulse width. A LOW level at
nCD terminates the output pulse immediately. The trigger inputs’ Schmitt trigger action makes the
circuit highly tolerant of slower rise and fall times.
It operates over a recommended VDD power supply range of 3 V to 15 V referenced to VSS (usually
ground). Unused inputs must be connected to VDD, VSS, or another input.
2. Features and benefits
• Tolerant of slow trigger rise and fall times
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - HEF4538B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4538B PHILIPS-HEF4538B Datasheet
102Kb / 8P
Dual precision monostable multivibrator
January 1995
HEF4538B PHILIPS-HEF4538B Datasheet
106Kb / 8P
Dual precision monostable multivibrator
January 1995
HEF4538B NXP-HEF4538B Datasheet
107Kb / 17P
Dual precision monostable multivibrator
Rev. 06-2 November 2009
HEF4538B NXP-HEF4538B Datasheet
130Kb / 18P
Dual precision monostable multivibrator
Rev. 8-16 November 2011
logo
Nexperia B.V. All right...
HEF4538B-Q100 NEXPERIA-HEF4538B-Q100 Datasheet
235Kb / 14P
Dual precision monostable multivibrator
More results


Similar Description - HEF4538B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4538B PHILIPS-HEF4538B Datasheet
102Kb / 8P
Dual precision monostable multivibrator
January 1995
HEF4938B PHILIPS-HEF4938B Datasheet
76Kb / 8P
Dual precision monostable multivibrator
January 1995
logo
Rohm
BU4538B ROHM-BU4538B Datasheet
88Kb / 5P
Dual precision monostable multivibrator
logo
NXP Semiconductors
HEC4538 PHILIPS-HEC4538 Datasheet
106Kb / 8P
Dual precision monostable multivibrator
January 1995
HEF4538B NXP-HEF4538B Datasheet
107Kb / 17P
Dual precision monostable multivibrator
Rev. 06-2 November 2009
HEC4538BT-T NXP-HEC4538BT-T Datasheet
130Kb / 18P
Dual precision monostable multivibrator
Rev. 8-16 November 2011
HEF4938BT PHILIPS-HEF4938BT Datasheet
182Kb / 17P
Dual precision monostable multivibrator
Rev. 6-15 November 2011
HEF4538B PHILIPS-HEF4538B_15 Datasheet
338Kb / 18P
Dual precision monostable multivibrator
Rev. 9-10 December 2013
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_16 Datasheet
168Kb / 14P
Dual Precision Monostable Multivibrator
August, 2014 ??Rev. 15
logo
Nexperia B.V. All right...
HEF4538B-Q100 NEXPERIA-HEF4538B-Q100 Datasheet
235Kb / 14P
Dual precision monostable multivibrator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com