Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4541B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4541B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4541B
Download  HEF4541B Download
File Size   244.78 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Programmable timer

HEF4541B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4541B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4541B
Download  HEF4541B Click to download

File Size   244.78 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Programmable timer

HEF4541B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4541B Product details

1. General description
The HEF4541B is a programmable timer. It consists of a 16-stage binary counter, an integrated
oscillator to be used with external timing components, an automatic power-on reset and output
control logic. The external components RTC and CTC determines the frequency of the oscillator
within the frequency range 1 Hz to 100 kHz. An external clock signal at input RS can replace the
oscillator. The timer advances on the positive-going transition of RS. A LOW on the auto reset input
(AR) and a LOW on the master reset input (MR) enables the internal power-on reset. A HIGH level
at input MR resets the counter independent on all other inputs. Resetting, disables the oscillator to
provide no active power dissipation.
A HIGH at input AR turns off the power-on reset to provide a low quiescent power dissipation of the
timer. The 16-stage counter divides the oscillator frequency by 28, 210, 213 or 216 depending on the
state of the address inputs (A0, A1). The divided oscillator frequency is available at output O. The
phase input (PH) features a complementary output signal. When the mode select input (MODE) is
LOW the timer is a single transition timer and when HIGH the timer is a 2n frequency divider.
It operates over a recommended VDD power supply range of 3 V to 15 V referenced to VSS (usually
ground). Unused inputs must be connected to VDD, VSS, or another input.
2. Features and benefits
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - HEF4541B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
Programmable timer
January 1995
logo
Nexperia B.V. All right...
HEF4541B-Q100 NEXPERIA-HEF4541B-Q100 Datasheet
1Mb / 17P
Programmable timer
logo
NXP Semiconductors
HEF4541BD PHILIPS-HEF4541BD Datasheet
144Kb / 8P
Programmable timer
January 1995
HEF4541BF PHILIPS-HEF4541BF Datasheet
144Kb / 8P
Programmable timer
January 1995
HEF4541BN PHILIPS-HEF4541BN Datasheet
144Kb / 8P
Programmable timer
January 1995
More results


Similar Description - HEF4541B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
Programmable Timer
logo
National Semiconductor ...
CD4541BC NSC-CD4541BC Datasheet
137Kb / 6P
Programmable Timer
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
PROGRAMMABLE TIMER
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
Programmable Timer
April, 2006 ??Rev. 9
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
Programmable Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
PROGRAMMABLE TIMER
logo
SELEC Controls Pvt. Ltd
XT520 SELEC-XT520 Datasheet
134Kb / 2P
PROGRAMMABLE TIMER
XT532 SELEC-XT532 Datasheet
135Kb / 2P
PROGRAMMABLE TIMER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com