Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4543B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4543B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4543B
Download  HEF4543B Download
File Size   239.33 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description BCD to 7-segment latch/decoder/driver

HEF4543B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4543B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4543B
Download  HEF4543B Click to download

File Size   239.33 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description BCD to 7-segment latch/decoder/driver

HEF4543B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4543B Product details

1. General description
The HEF4543B is a BCD to 7-segment latch/decoder/driver for liquid crystal and LED displays.
It has four address inputs (D0 to D3), an active LOW latch enable input (LE), an active HIGH
blanking input (BL), an active HIGH phase input (PH) and seven buffered segment outputs (Qa to
Qg).
The circuit provides the function of a 4-bit storage latch and an 8-4-2-1 BCD to 7-segment
decoder/driver. It can invert the logic levels of the output combination. The phase (PH), blanking
(BL) and latch enable (LE) inputs are used to reverse the function table phase, blank the display
and store a BCD code, respectively.
For liquid crystal displays, a square-wave is applied to PH and the electrical common back-plane of
the display. The outputs of the device are directly connected to the segments of the liquid crystal.
It operates over a recommended VDD power supply range of 3 V to 15 V referenced to VSS (usually
ground). Unused inputs must be connected to VDD, VSS, or another input.
2. Features and benefits
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• Specified from -40 °C to +85 °C




Similar Part No. - HEF4543B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4543B PHILIPS-HEF4543B Datasheet
85Kb / 8P
BCD to 7-segment latch/decoder/driver
January 1995
HEF4543BD PHILIPS-HEF4543BD Datasheet
85Kb / 8P
BCD to 7-segment latch/decoder/driver
January 1995
HEF4543BF PHILIPS-HEF4543BF Datasheet
85Kb / 8P
BCD to 7-segment latch/decoder/driver
January 1995
HEF4543BN PHILIPS-HEF4543BN Datasheet
85Kb / 8P
BCD to 7-segment latch/decoder/driver
January 1995
HEF4543BP PHILIPS-HEF4543BP Datasheet
85Kb / 8P
BCD to 7-segment latch/decoder/driver
January 1995
More results


Similar Description - HEF4543B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
BCD to 7-segment latch/decoder/driver
January 1995
HEF4543B PHILIPS-HEF4543B Datasheet
85Kb / 8P
BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
BCD TO 7 SEGMENT LATCH/DECODER DRIVER
Feb-1993
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
CD4511BM NSC-CD4511BM Datasheet
145Kb / 8P
BCD-to-7 Segment Latch/Decoder/Driver
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
BCD-to-7 Segment Latch/Decoder/Driver
logo
NXP Semiconductors
HEF4543B NXP-HEF4543B_09 Datasheet
107Kb / 16P
BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
HEF4543B PHILIPS-HEF4543B_15 Datasheet
230Kb / 17P
BCD to 7-segment latch/decoder/driver
Rev. 6-17 November 2011
logo
Nexperia B.V. All right...
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com