Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCA9595 Datasheet (PDF) - Nexperia B.V. All rights reserved

NCA9595 Datasheet PDF - Nexperia B.V. All rights reserved
Part # NCA9595
Download  NCA9595 Download
File Size   436.27 Kbytes
Page   30 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output, configuration registers and programmable pull-up resistors

NCA9595 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCA9595 Datasheet PDF - Nexperia B.V. All rights reserved

Part # NCA9595
Download  NCA9595 Click to download

File Size   436.27 Kbytes
Page   30 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output, configuration registers and programmable pull-up resistors

NCA9595 Datasheet (HTML) - Nexperia B.V. All rights reserved


NCA9595 Product details

1. General description
The NCA9595 provides 16 bits of General Purpose Input/Output (GPIO) expansion for I²Cbus/
SMBus applications. It is designed for a wide voltage range of 1.65 V to 5.5 V with interrupt
and default pull-up resistors on GPIOs. Nexperia GPIO expanders provide an elegant solution
when additional IOs are needed while keeping the interconnections to a minimum, for example,
in ACPI power switches, sensors, push buttons, LEDs and fan control. The NCA9595 contains
a set of 8 bit input, output, configuration, polarity inversion and configuration pull-up registers. At
power up all IOs default to inputs. Each IO can be configured as either input or output by changing
the corresponding bit in the configuration register. The data for each input or output is stored in
the corresponding input or output register. The polarity inversion register can be programmed to
invert the polarity of the input register. The pull-up resistors can be disconnected by programming
configuration pull up registers. The NCA9595 has an open-drain interrupt output which is activated
when any one of the GPIO changes from its corresponding input port register state. The power on
reset sets the registers to default values and initializes the device state machine. The NCA9595
has three address pins A0, A1 and A2 which can be used to configure the I²C bus slave address of
the device. It allows up-to eight devices to share the same I²C-bus/SMBus.
2. Features and benefits
• I²C-bus to parallel port expander
• Operating power supply voltage range of 1.65 V to 5.5 V
• Low standby current consumption:
• 2.5 μA (maximum)
• Schmitt-trigger action allows slow input transition and better switching noise immunity at the
SCL and SDA inputs
• Vhys = 0.10 × VCC (typical)
• Noise filter on SCL and SDA inputs
• 5 V tolerant I/Os
• 16 I/O pins which power up configured in input state with weak configurable pull-up resistors
• Open-drain active LOW interrupt output (INT)
• 400 kHz Fast-mode I²C-bus
• Internal power-on reset
• Configuration pull-up registers to disable pull up resistors on GPIOs
• No glitch on power-up
• Latched outputs with 25 mA drive maximum capability for directly driving LEDs
• Latch-up performance exceeds 100 mA per JESD78, Class II
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2000 V
• CDM ANSI/ESDA/JEDEC JS-002 Class C3 exceeds 1000 V
• Specified from -40 °C to +85 °C




Similar Part No. - NCA9595

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NCA9595-Q100 NEXPERIA-NCA9595-Q100 Datasheet
474Kb / 30P
Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output, configuration registers and programmable pull-up resistors
Rev. 1 - 25 April 2023
NCA9595PW-Q100 NEXPERIA-NCA9595PW-Q100 Datasheet
474Kb / 30P
Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output, configuration registers and programmable pull-up resistors
Rev. 1 - 25 April 2023
More results


Similar Description - NCA9595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
logo
Nexperia B.V. All right...
NCA9555-Q100 NEXPERIA-NCA9555-Q100 Datasheet
490Kb / 31P
Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output and configuration registers
Rev. 2 - 30 March 2023
NCA9555 NEXPERIA-NCA9555 Datasheet
451Kb / 31P
Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output and configuration registers
Rev. 2 - 30 March 2023
NCA9535-Q100 NEXPERIA-NCA9535-Q100 Datasheet
463Kb / 29P
Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output and configuration registers
Rev. 1 - 31 March 2023
NCA9535 NEXPERIA-NCA9535 Datasheet
423Kb / 29P
Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output and configuration registers
Rev. 1 - 31 March 2023
NCA9539 NEXPERIA-NCA9539 Datasheet
443Kb / 31P
Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output, reset pin and configuration registers
Rev. 1 - 31 March 2023
NCA9555-Q100 NEXPERIA-NCA9555-Q100_V01 Datasheet
492Kb / 31P
Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output and configuration registers
Rev. 3 - 24 April 2023
NCA9555 NEXPERIA-NCA9555_V01 Datasheet
454Kb / 31P
Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output and configuration registers
Rev. 3 - 24 April 2023
NCA9595-Q100 NEXPERIA-NCA9595-Q100 Datasheet
474Kb / 30P
Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output, configuration registers and programmable pull-up resistors
Rev. 1 - 25 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com