Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q6012RH5 Datasheet (PDF) - HAOPIN MICROELECTRONICS CO.,LTD

Q6012RH5 Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD
Part # Q6012RH5
Download  Q6012RH5 Download
File Size   355.44 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Three quadrant triacs

Q6012RH5 Datasheet (PDF)

Go To PDF Page Download Datasheet
Q6012RH5 Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD

Part # Q6012RH5
Download  Q6012RH5 Click to download

File Size   355.44 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Three quadrant triacs

Q6012RH5 Datasheet (HTML) - HAOPIN MICROELECTRONICS CO.,LTD


Q6012RH5 Product details

Description
Passivated high commutation triacs in a plastic envelope intended for use in circuits where
high static and dynamic dV/dt and high dI/dt can occur. These devices will commutate the
full rated ms current at the maximum rated junction temperature without the aid of a snubber.

Applications:
Motor control
Industrial and domestic lighting
Heating
Static switching

Features
Blocking voltage to 600 V
On-state RMS current to 12A




Similar Part No. - Q6012RH5

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
Q6012RH5 TECCOR-Q6012RH5 Datasheet
536Kb / 7P
Alternistor Triacs?
logo
Littelfuse
Q6012RH5 LITTELFUSE-Q6012RH5 Datasheet
182Kb / 10P
Alternistor Triacs (6 A to 40 A)
More results


Similar Description - Q6012RH5

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA216C PHILIPS-BTA216C Datasheet
21Kb / 4P
Three quadrant triacs Three quadrant triacs
October 1997 Rev 1.000
logo
HAOPIN MICROELECTRONICS...
BTA20-600BW HAOPIN-BTA20-600BW Datasheet
317Kb / 5P
Three quadrant triacs
BTA24-600BW HAOPIN-BTA24-600BW Datasheet
308Kb / 5P
Three quadrant triacs
BTB20-600BW HAOPIN-BTB20-600BW Datasheet
317Kb / 5P
Three quadrant triacs
BTB24-600BW HAOPIN-BTB24-600BW Datasheet
308Kb / 5P
Three quadrant triacs
BTB24-600CW HAOPIN-BTB24-600CW Datasheet
308Kb / 5P
Three quadrant triacs
BTA12-600CW HAOPIN-BTA12-600CW Datasheet
491Kb / 5P
Three quadrant triacs
BTA12-600SW HAOPIN-BTA12-600SW Datasheet
491Kb / 5P
Three quadrant triacs
BTB12-600BW HAOPIN-BTB12-600BW Datasheet
490Kb / 5P
Three quadrant triacs
Q8016LH4 HAOPIN-Q8016LH4 Datasheet
275Kb / 5P
Three quadrant triacs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com