Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9936 Datasheet (PDF) - Belden Inc.

9936 Datasheet PDF - Belden Inc.
Part # 9936
Download  9936 Download
File Size   158.05 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS232/423 Low Cap, #24-15c, FPE, O/A FoilBraid, PVC Jkt, CM

9936 Datasheet (PDF)

Go To PDF Page Download Datasheet
9936 Datasheet PDF - Belden Inc.

Part # 9936
Download  9936 Click to download

File Size   158.05 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS232/423 Low Cap, #24-15c, FPE, O/A FoilBraid, PVC Jkt, CM

9936 Datasheet (HTML) - Belden Inc.


9936 Product details

Product Description
Computer EIA RS-232/423 Cable, 24 AWG stranded (7x32) tinned copper conductors, Datalene® insulation, overall Beldfoil® (100% coverage) + tinned
copper braid shield (65% coverage), drain wire, PVC jacket.




Similar Part No. - 9936

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
9936 VBSEMI-9936 Datasheet
1Mb / 9P
Dual N-Channel 30-V (D-S) MOSFET
logo
TE Connectivity Ltd
993693-000 TEC-993693-000 Datasheet
3Mb / 40P
Raychem Application Tooling
993695-000 TEC-993695-000 Datasheet
3Mb / 40P
Raychem Application Tooling
logo
List of Unclassifed Man...
9936A ETC-9936A Datasheet
1Mb / 16P
Industrial temperature calibration selection guide
logo
VBsemi Electronics Co.,...
9936GM VBSEMI-9936GM Datasheet
1Mb / 9P
Dual N-Channel 30-V (D-S) MOSFET
More results


Similar Description - 9936

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1425A BELDEN-1425A Datasheet
165Kb / 2P
RS232/422 Low Cap, #24-15pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
9925 BELDEN-9925 Datasheet
190Kb / 2P
RS232/423 Low Cap, #24-3c, FPO, O/A FoilBraid, PVC Jkt, CM
01-20-2023
9934 BELDEN-9934 Datasheet
203Kb / 2P
RS232/423 Low Cap, #24-9c, FPO, O/A FoilBraid, PVC Jkt, CM
01-20-2023
9927 BELDEN-9927 Datasheet
194Kb / 2P
RS232/423 Low Cap, #24-4c, FPO, O/A FoilBraid, PVC Jkt, CM
01-20-2023
9938 BELDEN-9938 Datasheet
169Kb / 2P
RS232/423 Low Cap, #24-37c, FPE, O/A FoilBraid, PVC Jkt, CM
05-05-2023
9929 BELDEN-9929 Datasheet
158Kb / 2P
RS232/423 Low Cap, #24-5c, FPE, O/A FoilBraid, PVC Jkt, CM
05-05-2023
1419A BELDEN-1419A Datasheet
194Kb / 2P
RS232/422 Low Cap, #24-2pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
9937 BELDEN-9937 Datasheet
163Kb / 2P
RS232/423 Low Cap, #24-25c, FPE, O/A FoilBraid, PVC Jkt, CM
01-20-2023
9935 BELDEN-9935 Datasheet
164Kb / 2P
RS232/423 Low Cap, #24-10c, FPE, O/A FoilBraid, PVC Jkt, CM
05-05-2023
9932 BELDEN-9932 Datasheet
162Kb / 2P
RS232/423 Low Cap, #24-7c, FPE, O/A FoilBraid, PVC Jkt, CM
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com