Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8535I-31 Datasheet (PDF) - Renesas Technology Corp

ICS8535I-31 Datasheet PDF - Renesas Technology Corp
Part # ICS8535I-31
Download  ICS8535I-31 Download
File Size   1854.06 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-To-4, Crystal Oscillator/LVCMOS-To-3.3V LVPECL Fanout Buffer

ICS8535I-31 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8535I-31 Datasheet PDF - Renesas Technology Corp

Part # ICS8535I-31
Download  ICS8535I-31 Click to download

File Size   1854.06 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-To-4, Crystal Oscillator/LVCMOS-To-3.3V LVPECL Fanout Buffer

ICS8535I-31 Datasheet (HTML) - Renesas Technology Corp


ICS8535I-31 Product details

Features
• Four differential 3.3V LVPECL outputs
• Selectable LVCMOS/LVTTL CLK or crystal inputs
• CLK can accept the following input levels: LVCMOS, LVTTL
• Maximum output frequency: 266MHz
• Output skew: 30ps (typical)
• Part-to-part skew: 200ps (maximum)
• Propagation delay: 1.75ns (maximum)
• Additive phase jitter, RMS: 0.057ps (typical)
• Full 3.3V supply mode
• -40°C to 85°C ambient operating temperature
• Replaces the ICS8535I-11
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages




Similar Part No. - ICS8535I-31

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8535I-31 IDT-ICS8535I-31 Datasheet
685Kb / 15P
LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
ICS8535I-31 IDT-ICS8535I-31 Datasheet
847Kb / 15P
LVPECL Fanout Buffer
ICS8535I-31 IDT-ICS8535I-31_10 Datasheet
847Kb / 15P
LVPECL Fanout Buffer
More results


Similar Description - ICS8535I-31

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 5, 2001
ICS8535-11 ICST-ICS8535-11 Datasheet
127Kb / 14P
LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 27, 2001
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Device Techn...
IDT8535-01 IDT-IDT8535-01 Datasheet
75Kb / 11P
LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
ICS8535I-31 IDT-ICS8535I-31 Datasheet
685Kb / 15P
LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C48535-11 PERICOM-PI6C48535-11 Datasheet
286Kb / 5P
3.3V Low Skew 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS8535-31 ICST-ICS8535-31 Datasheet
186Kb / 14P
LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
REV. B APRIL 29, 2005
logo
Integrated Device Techn...
ICS8538-31 IDT-ICS8538-31 Datasheet
1Mb / 14P
LOW SKEW, 1-TO-8, CRYSTAL OSCILLATOR/LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
8538-31 RENESAS-8538-31 Datasheet
410Kb / 15P
Low Skew, 1-to-8, Crystal Oscillator/LVCMOS-TO-3.3V LVPECL Fanout Buffer
Rev B 7/10/15
ICS8534I-13 RENESAS-ICS8534I-13 Datasheet
623Kb / 19P
Low Skew, 1-to-4, Crystal Oscillator/LVCMOSto- 3.3V, 2.5V LVPECL/LVCMOS Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com