Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDTHS231P16 Datasheet (PDF) - Renesas Technology Corp

IDTHS231P16 Datasheet PDF - Renesas Technology Corp
Part # IDTHS231P16
Download  IDTHS231P16 Download
File Size   365.58 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING

IDTHS231P16 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDTHS231P16 Datasheet PDF - Renesas Technology Corp

Part # IDTHS231P16
Download  IDTHS231P16 Click to download

File Size   365.58 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING

IDTHS231P16 Datasheet (HTML) - Renesas Technology Corp


IDTHS231P16 Product details

Features
• +1.7 V to +1.95 V single-supply operation
• Low distortion negative signal handling capability with
Ron typically 3Ω for Audio signal
• Control pin to open all switches and enter low power state
• Cross-talk audio channels (20 Hz to 20 kHz): -110dB
• -3dB bandwidth USB switches: 700 MHz
• Available in 16-pin QFN package – RoHS compliant
• Compliant with USB 2.0 short circuit requirements
without additional external components




Similar Part No. - IDTHS231P16

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTHS231P16 IDT-IDTHS231P16 Datasheet
204Kb / 10P
HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
More results


Similar Description - IDTHS231P16

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54205A INTERSIL-ISL54205A Datasheet
357Kb / 14P
MP3/USB 2.0 High Speed Switch with Negative Signal Handling
December 7, 2006
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
MP3/USB 2.0 High Speed Switch with Negative Signal Handling
December 18, 2006
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
MP3/USB 2.0 High Speed Switch with Negative Signal Handling
September 30, 2010
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
MP3/USB 2.0 High Speed Switch with Negative Signal Handling
September 18, 2007
logo
Integrated Device Techn...
IDTHS221P10 IDT-IDTHS221P10 Datasheet
223Kb / 11P
HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
IDTHS231P16 IDT-IDTHS231P16 Datasheet
204Kb / 10P
HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
MP3/USB 2.0 High Speed Switch with Negative Signal Handling
September 25, 2007
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
MP3/USB 2.0 High Speed Switch with Negative Signal Handling
October 28, 2010
logo
Renesas Technology Corp
ISL54205A RENESAS-ISL54205A Datasheet
767Kb / 14P
MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com