Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW1690 Datasheet (PDF) - Renesas Technology Corp

IW1690 Datasheet PDF - Renesas Technology Corp
Part # IW1690
Download  IW1690 Download
File Size   847.82 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Power Off-line Digital PWM Controller

IW1690 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW1690 Datasheet PDF - Renesas Technology Corp

Part # IW1690
Download  IW1690 Click to download

File Size   847.82 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Power Off-line Digital PWM Controller

IW1690 Datasheet (HTML) - Renesas Technology Corp


IW1690 Product details

• Primary-side feedback eliminates opto-isolators and
simplifies design
• Direct drive of BJT switching device
• Multi-mode operation for highest overall efficiency
• Built-in cable drop compensation
• Very tight output voltage regulation
• No external compensation components required
• Complies with CEC/EPA no load power consumption
and average efficiency regulations
• Built-in output constant-current control with primary-side
feedback
• Low start-up current (10 μA typical)
• Built-in soft start
• Built-in short circuit protection and output overvoltage
protection
• Optional AC line under/overvoltage protection
• Fixed switching frequency: 45 kHz, 65 kHz or 75 kHz
• Dynamic base current control
• PFM operation at light load
• Built-in current sense resistor short protection




Similar Part No. - IW1690

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
Low-Power Off-line Digital PWM Controller
IW1690-00 DIALOG-IW1690-00 Datasheet
879Kb / 13P
Low-Power Off-line Digital PWM Controller
IW1690-02 DIALOG-IW1690-02 Datasheet
879Kb / 13P
Low-Power Off-line Digital PWM Controller
IW1690-03 DIALOG-IW1690-03 Datasheet
879Kb / 13P
Low-Power Off-line Digital PWM Controller
IW1690-05 DIALOG-IW1690-05 Datasheet
879Kb / 13P
Low-Power Off-line Digital PWM Controller
More results


Similar Description - IW1690

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
Low-Power Off-line Digital PWM Controller
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
Low-Power Off-line Digital PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
Low-Power Off-line Digital PWM Controller
IW1696 DIALOG-IW1696 Datasheet
979Kb / 11P
Low-Power Off-line Digital Green-Mode PWM Controller
IW1706 DIALOG-IW1706 Datasheet
1Mb / 11P
Low-Power Off-Line Digital Green-Mode PWM Controller
IW1707 DIALOG-IW1707 Datasheet
1Mb / 13P
Low-Power Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1676 RENESAS-IW1676 Datasheet
991Kb / 16P
Low Power Off-Line Digital Green-Mode PWM Controller
18-Jan-2022
IW1697 RENESAS-IW1697 Datasheet
958Kb / 12P
Low-Power Off-Line Digital Green-Mode PWM Controller
January 18, 2022
IW1706 RENESAS-IW1706 Datasheet
972Kb / 15P
Low-Power Off-Line Digital Green-Mode PWM Controller
22-Jan-2022
IW1692 RENESAS-IW1692 Datasheet
1Mb / 17P
Low-Power Off-line Digital PWM Controller Rev.
Mar 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com