Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW3614 Datasheet (PDF) - Renesas Technology Corp

IW3614 Datasheet PDF - Renesas Technology Corp
Part # IW3614
Download  IW3614 Download
File Size   2185.29 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers

IW3614 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW3614 Datasheet PDF - Renesas Technology Corp

Part # IW3614
Download  IW3614 Click to download

File Size   2185.29 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers

IW3614 Datasheet (HTML) - Renesas Technology Corp


IW3614 Product details

● Isolated AC/DC offline 100 VAC / 230 VAC LED driver
● Meets harmonic requirements, high power factor
(power factor > 0.9 without dimmer)
● Line frequency ranges from 45Hz to 66Hz
● Intelligent wall dimmer detection
x Leading-edge dimmer
x Trailing-edge dimmer
x No-dimmer detected
x Unsupported dimmer
● Hybrid dimming scheme
● Wide dimming range from 1% up to 100%
● No visible flicker
● Resonant control to achieve high efficiency, 85% without
dimmer
● Temperature compensated LED current
● Small size design
x Small size input bulk capacitor
x Small size output capacitor
x Small transformer




Similar Part No. - IW3614

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW3614 DIALOG-IW3614 Datasheet
1Mb / 18P
AC/DC Digital Power Controller
IW3614-00 DIALOG-IW3614-00 Datasheet
1Mb / 18P
AC/DC Digital Power Controller
IW3614-02 DIALOG-IW3614-02 Datasheet
1Mb / 18P
AC/DC Digital Power Controller
More results


Similar Description - IW3614

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW3602 DIALOG-IW3602 Datasheet
1Mb / 19P
AC/DC Digital Power Controller for Dimmable LED Drivers
IW3602-00 DIALOG-IW3602-00 Datasheet
1Mb / 18P
AC/DC Digital Power Controller for Dimmable LED Drivers
IW3612 DIALOG-IW3612 Datasheet
1Mb / 18P
AC/DC Digital Power Controller for Dimmable LED Drivers
IW3600 DIALOG-IW3600 Datasheet
317Kb / 5P
AC/DC Digital Power Controller for Single-Stage High Power Factor Dimmable LED Drivers
IW3616 DIALOG-IW3616 Datasheet
452Kb / 6P
AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
IW3617 DIALOG-IW3617 Datasheet
471Kb / 6P
AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
IW3623 DIALOG-IW3623 Datasheet
514Kb / 6P
AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
IW3689 DIALOG-IW3689 Datasheet
287Kb / 6P
AC/DC Digital Power Controller for Single-Stage High Power Factor Dimmable LED Drivers
logo
Renesas Technology Corp
IW3602 RENESAS-IW3602 Datasheet
2Mb / 18P
AC/DC Digital Power Controller for Dimmable LED Drivers
31-May-2022
IW3612 RENESAS-IW3612 Datasheet
2Mb / 18P
AC/DC Digital Power Controller for Dimmable LED Drivers Rev.
Mar 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com