Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW3620 Datasheet (PDF) - Renesas Technology Corp

IW3620 Datasheet PDF - Renesas Technology Corp
Part # IW3620
Download  IW3620 Download
File Size   1417.96 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital PWM Current-Mode Controller for AC/DC LED Driver

IW3620 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW3620 Datasheet PDF - Renesas Technology Corp

Part # IW3620
Download  IW3620 Click to download

File Size   1417.96 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital PWM Current-Mode Controller for AC/DC LED Driver

IW3620 Datasheet (HTML) - Renesas Technology Corp


IW3620 Product details

● Primary-side feedback eliminates opto-isolators and
simplifies design
● Quasi-resonant operation for highest overall efficiency
● EZ-EMI ® design to easily meet global EMI standards
● Up to 130 kHz switching frequency enables small
adapter size
● Very tight LED constant current regulation
● No external compensation components required
● Built-in output constant-current control with primary-side
feedback for LED driver.
● Low start-up current (10 μA typical)
● Built-in soft start
● Built-in short circuit protection and output overvoltage
protection
● Current sense resistor short protection
● Overtemperature Protection
● Open circuit protection
● Universal input range from 85 Vac to 264 Vac
● Single-fault protection
● Small input bulk capacitor




Similar Part No. - IW3620

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW3620 DIALOG-IW3620 Datasheet
1Mb / 21P
Digital PWM Current-Mode Controller for AC/DC LED Driver
IW3620-00 DIALOG-IW3620-00 Datasheet
1Mb / 21P
Digital PWM Current-Mode Controller for AC/DC LED Driver
More results


Similar Description - IW3620

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5021 NSC-LM5021 Datasheet
746Kb / 15P
AC-DC Current Mode PWM Controller
logo
Leshan Radio Company
LR2257 LRC-LR2257 Datasheet
408Kb / 8P
AC/DC Current Mode PWM power management controller
logo
Texas Instruments
LM5023 TI-LM5023 Datasheet
2Mb / 30P
AC-DC Quasi-Resonant Current Mode PWM Controller
LM5021MMX-2 TI1-LM5021MMX-2 Datasheet
1Mb / 23P
LM5021 AC-DC Current Mode PWM Controller
LM5021MM-1 TI-LM5021MM-1 Datasheet
1Mb / 23P
LM5021 AC-DC Current Mode PWM Controller
LM5021MM-2 TI-LM5021MM-2 Datasheet
1Mb / 23P
LM5021 AC-DC Current Mode PWM Controller
LM5021MM-1 TI1-LM5021MM-1 Datasheet
1Mb / 23P
LM5021 AC-DC Current Mode PWM Controller
LM5021 TI1-LM5021_14 Datasheet
1Mb / 24P
LM5021 AC-DC Current Mode PWM Controller
LM5021-Q1 TI-LM5021-Q1_15 Datasheet
4Mb / 34P
LM5021-Q1 AC-DC Current-Mode PWM Controller
logo
Dialog Semiconductor
IW3620 DIALOG-IW3620 Datasheet
1Mb / 21P
Digital PWM Current-Mode Controller for AC/DC LED Driver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com