Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1027477 Datasheet (PDF) - PHOENIX CONTACT

1027477 Datasheet PDF - PHOENIX CONTACT
Part # 1027477
Download  1027477 Download
File Size   455.53 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12MSL-4FECT-CL SH - Power connector

1027477 Datasheet (PDF)

Go To PDF Page Download Datasheet
1027477 Datasheet PDF - PHOENIX CONTACT

Part # 1027477
Download  1027477 Click to download

File Size   455.53 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12MSL-4FECT-CL SH - Power connector

1027477 Datasheet (HTML) - PHOENIX CONTACT


1027477 Product details

Power connector, Power, 5-position, shielded, Plug straight M12, L, Crimp connection, knurl
material: Zinc die-cast, tin-plated, external cable diameter 8 mm ... 13 mm, without crimp
contacts

Your advantages
• Extremely compact, thanks to the small wiring space and high contact density
• Safely shielded: reliable shield connection even under extreme mechanical strain
• Robust connection: suitable for railway applications with high shock and vibration loads
• High-performance: DC connectors for up to 16 A and 63 V DC
• Protection against mismatching, thanks to special L-coding




Similar Part No. - 1027477

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1027474 PHOENIX-1027474 Datasheet
342Kb / 8P
SACC-M12MSK-4PECT-CL SH - Power connector
1027476 PHOENIX-1027476 Datasheet
464Kb / 12P
SACC-M12FSK-4PECT-CL SH - Power connector
1027478 PHOENIX-1027478 Datasheet
452Kb / 12P
SACC-M12FSL-4FECT-CL SH - Power connector
1027479 PHOENIX-1027479 Datasheet
532Kb / 11P
SACC-M12MSL-4CT-CM SH - Power connector
More results


Similar Description - 1027477

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1021783 PHOENIX-1021783 Datasheet
107Kb / 4P
Connector - SACC-P12MSX-8CT-CL SH
1021784 PHOENIX-1021784 Datasheet
109Kb / 4P
Connector - SACC-P12MRX-8CT-CL SH
1080235 PHOENIX-1080235 Datasheet
597Kb / 13P
SACC-M12MSL-4FEPL-CL SH - Power connector
1027478 PHOENIX-1027478 Datasheet
452Kb / 12P
SACC-M12FSL-4FECT-CL SH - Power connector
1080233 PHOENIX-1080233 Datasheet
598Kb / 13P
SACC-M12FSL-4FEPL-CL SH - Power connector
1027476 PHOENIX-1027476 Datasheet
464Kb / 12P
SACC-M12FSK-4PECT-CL SH - Power connector
1080228 PHOENIX-1080228 Datasheet
618Kb / 14P
SACC-M12FSK-4PEPL-CL SH - Power connector
1151368 PHOENIX-1151368 Datasheet
580Kb / 13P
SACC-M12MSL-4FEPL-CL - Power connector
1080239 PHOENIX-1080239 Datasheet
596Kb / 13P
SACC-M12MSL-4PL-CM SH - Power connector
1027479 PHOENIX-1027479 Datasheet
532Kb / 11P
SACC-M12MSL-4CT-CM SH - Power connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com