Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1709092 Datasheet (PDF) - PHOENIX CONTACT

1709092 Datasheet PDF - PHOENIX CONTACT
Part # 1709092
Download  1709092 Download
File Size   708.21 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IPC 5/ 7-ST-7,62 - PCB connector

1709092 Datasheet (PDF)

Go To PDF Page Download Datasheet
1709092 Datasheet PDF - PHOENIX CONTACT

Part # 1709092
Download  1709092 Click to download

File Size   708.21 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IPC 5/ 7-ST-7,62 - PCB connector

1709092 Datasheet (HTML) - PHOENIX CONTACT


1709092 Product details

PCB connector, nominal cross section: 6 mm2, color: green, nominal current: 41 A, rated voltage
(III/2): 1000 V, contact surface: Tin, type of contact: Pin, number of potentials: 7, number of rows:
1, number of positions: 7, number of connections: 7, product range: IPC 5/..-ST, pitch: 7.62 mm,
connection method: Screw connection with tension sleeve, screw head form: Z1L Slotted
Pozidriv, conductor/PCB connection direction: 0 °, locking clip: - without locking clip, plug-in
system: COMBICON PC 5, locking: without, mounting: without, type of packaging: packed in
cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Inverted connector with pin contacts for touch-proof device outputs or free-hanging cable/cable connections
• 600 V UL approval in the smallest of dimensions




Similar Part No. - 1709092

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
170909 FESTO-170909 Datasheet
96Kb / 2P
Guided actuator
logo
PHOENIX CONTACT
1709096 PHOENIX-1709096 Datasheet
72Kb / 7P
PCB terminal block - GKDS/E BU
More results


Similar Description - 1709092

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1709047 PHOENIX-1709047 Datasheet
88Kb / 5P
Printed-circuit board connector - IPC 5/ 2-ST-7,62
1709050 PHOENIX-1709050 Datasheet
87Kb / 5P
Printed-circuit board connector - IPC 5/ 3-ST-7,62
1709063 PHOENIX-1709063 Datasheet
86Kb / 5P
Printed-circuit board connector - IPC 5/ 4-ST-7,62
1708433 PHOENIX-1708433 Datasheet
80Kb / 4P
Base strip - IPC 5/ 7-G-7,62
1709076 PHOENIX-1709076 Datasheet
103Kb / 5P
Printed-circuit board connector - IPC 5/ 5-ST-7,62
1709089 PHOENIX-1709089 Datasheet
160Kb / 5P
IPC 5/ 6-ST-7,62
1709102 PHOENIX-1709102 Datasheet
160Kb / 5P
IPC 5/ 8-ST-7,62
1709128 PHOENIX-1709128 Datasheet
103Kb / 5P
Printed-circuit board connector - IPC 5/10-ST-7,62
1718300 PHOENIX-1718300 Datasheet
611Kb / 15P
IPC 5/ 6-STGCL-7,62 - PCB connector
1718313 PHOENIX-1718313 Datasheet
607Kb / 15P
IPC 5/ 7-STGCL-7,62 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com