Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU634 Datasheet (PDF) - LETEX TECHNOLOGY CORP.

LU634 Datasheet PDF - LETEX TECHNOLOGY CORP.
Part # LU634
Download  LU634 Download
File Size   143.02 Kbytes
Page   4 Pages
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.
Description Photo DMOS-FET Relay

LU634 Datasheet (PDF)

Go To PDF Page Download Datasheet
LU634 Datasheet PDF - LETEX TECHNOLOGY CORP.

Part # LU634
Download  LU634 Click to download

File Size   143.02 Kbytes
Page   4 Pages
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.
Description Photo DMOS-FET Relay

LU634 Datasheet (HTML) - LETEX TECHNOLOGY CORP.


LU634 Product details

Description
The LU634 is a 1-Form B solid state relay in a 4 pin SMD package that employs optically coupled MOSFET
technology to provide 3750V/5000V of input to output isolation. The optically coupled input is controlled by a
highly efficient GaAlAs infrared LED and MOS FETs on the output side.
Features
•Low driver power requirements (TTL/CMOS Compatible)
•Contact form: Normally-On (1b)
•Load voltage: 60V max.
•On-Resistance: 3Ω max.
•3750 / 5000 Vrms Input/Output isolation
•Tape & Reel version available
Applications
•Telecommunications (PC, Electronic notepad)
•Measuring and Testing equipment
•Industrial control
•Security equipments
•High speed inspection machine




Similar Part No. - LU634

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LU630Z SEOUL-LU630Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LU631 SEOUL-LU631 Datasheet
376Kb / 14P
INFRARED LAMP LED
LU631 SEOUL-LU631 Datasheet
360Kb / 13P
CYAN LAMP LED
LU631 SEOUL-LU631 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LU631 SEOUL-LU631 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results


Similar Description - LU634

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LT211SC LETEX-LT211SC Datasheet
156Kb / 5P
Photo DMOS-FET Relay
LT219-2 LETEX-LT219-2 Datasheet
138Kb / 4P
Photo DMOS-FET Relay
LT225 LETEX-LT225 Datasheet
210Kb / 4P
Photo DMOS-FET Relay
LT232 LETEX-LT232 Datasheet
125Kb / 4P
Photo DMOS-FET Relay
LT236 LETEX-LT236 Datasheet
137Kb / 4P
Photo DMOS-FET Relay
LT316 LETEX-LT316 Datasheet
140Kb / 4P
Photo DMOS-FET Relay
LT333 LETEX-LT333 Datasheet
153Kb / 4P
Photo DMOS-FET Relay
LT513 LETEX-LT513 Datasheet
173Kb / 3P
Photo DMOS-FET Relay
LT516 LETEX-LT516 Datasheet
97Kb / 3P
Photo DMOS-FET Relay
LT541 LETEX-LT541 Datasheet
170Kb / 3P
Photo DMOS-FET Relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com