Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P25Q32H Datasheet (PDF) - Puya Semiconductor Co., Ltd.

P25Q32H Datasheet PDF - Puya Semiconductor Co., Ltd.
Part # P25Q32H
Download  P25Q32H Download
File Size   3638.43 Kbytes
Page   97 Pages
Manufacturer  PUYA [Puya Semiconductor Co., Ltd.]
Direct Link  http://www.puyasemi.com/index_en.html
Logo PUYA - Puya Semiconductor Co., Ltd.
Description Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet

P25Q32H Datasheet (PDF)

Go To PDF Page Download Datasheet
P25Q32H Datasheet PDF - Puya Semiconductor Co., Ltd.

Part # P25Q32H
Download  P25Q32H Click to download

File Size   3638.43 Kbytes
Page   97 Pages
Manufacturer  PUYA [Puya Semiconductor Co., Ltd.]
Direct Link  http://www.puyasemi.com/index_en.html
Logo PUYA - Puya Semiconductor Co., Ltd.
Description Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet

P25Q32H Datasheet (HTML) - Puya Semiconductor Co., Ltd.


P25Q32H Product details

2 Description
The
P25Q32H is a serial interface Flash memory device designed for use in a wide variety of high volume
consumer based applications in which program code is shadowed from Flash memory into embedded or
external RAM for execution. The flexible erase architecture of the device, with its page erase granularity it is
ideal for data storage as well, eliminating the need for additional data storage devices.
The erase block sizes of the device have been optimized to meet the needs of today's code and data storage
applications. By optimizing the size of the erase blocks, the memory space can be used much more efficiently.
Because certain code modules and data storage segments must reside by themselves in their own erase
regions, the wasted and unused memory space that occurs with large sectored and large block erase Flash
memory devices can be greatly reduced. This increased memory space efficiency allows additional code
routines and data storage segments to be added while still maintaining the same overall device density.
The device also contains an addi
tional 3* 1024 byte security registers with OTP lock (One Time
Programmable), can be used for purposes such as unique device serialization, system level Electronic Serial
Number (ESN) storage, locked key storage, etc.
Specifically designed for use in many
different systems, the device supports read, program, and erase
operations with a wide supply voltage range of 2.3 V to 3.6V. No separate voltage is required for programming
and erasing.




Similar Part No. - P25Q32H

ManufacturerPart #DatasheetDescription
logo
Puya Semiconductor Co.,...
P25Q32L PUYA-P25Q32L Datasheet
3Mb / 97P
Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet
Sept. 23, 2020
P25Q32L-C8H-IR-X PUYA-P25Q32L-C8H-IR-X Datasheet
3Mb / 97P
Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet
Sept. 23, 2020
P25Q32L-C8H-IT-X PUYA-P25Q32L-C8H-IT-X Datasheet
3Mb / 97P
Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet
Sept. 23, 2020
P25Q32L-C8H-IW-X PUYA-P25Q32L-C8H-IW-X Datasheet
3Mb / 97P
Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet
Sept. 23, 2020
P25Q32L-C8H-IY-X PUYA-P25Q32L-C8H-IY-X Datasheet
3Mb / 97P
Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet
Sept. 23, 2020
More results


Similar Description - P25Q32H

ManufacturerPart #DatasheetDescription
logo
Puya Semiconductor Co.,...
P25Q128H PUYA-P25Q128H Datasheet
3Mb / 104P
Ultra Low Power, 128M-bit Serial Multi I/O Flash Memory Datasheet
P25Q128L PUYA-P25Q128L Datasheet
3Mb / 107P
Ultra Low Power, 128M-bit Serial Multi I/O Flash Memory Datasheet
P25Q32SU PUYA-P25Q32SU Datasheet
3Mb / 105P
Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet
P25Q40SL PUYA-P25Q40SL Datasheet
2Mb / 101P
Ultra Low Power, 4M-bit Serial Multi I/O Flash Memory Datasheet
P25Q32L PUYA-P25Q32L Datasheet
3Mb / 97P
Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet
Sept. 23, 2020
P25Q32SH PUYA-P25Q32SH Datasheet
3Mb / 106P
Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet
Aug. 10, 2021
P25Q32SL PUYA-P25Q32SL Datasheet
3Mb / 111P
Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet
July. 20, 2021
P25Q64U PUYA-P25Q64U Datasheet
3Mb / 97P
Ultra Low Power, 64M-bit Serial Multi I/O Flash Memory Datasheet
Sept. 30, 2020
P25Q80LE PUYA-P25Q80LE Datasheet
2Mb / 73P
Ultra Low Power, 8M-bit Serial Multi I/O Flash Memory Datasheet
Nov.12, 2019
PY25Q80HB PUYA-PY25Q80HB Datasheet
2Mb / 80P
Ultra-Low Power, 8M-bit Serial Multi I/O Flash Memory Datasheet
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com