Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4053B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4053B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4053B
Download  HEF4053B Download
File Size   289.66 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple single-pole double-throw analog switch

HEF4053B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4053B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4053B
Download  HEF4053B Click to download

File Size   289.66 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple single-pole double-throw analog switch

HEF4053B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4053B Product details

1. General description
The HEF4053B is a triple single-pole double-throw analog switch (3x SPDT) suitable for use in
analog or digital 2:1 multiplexer/demultiplexer applications. Each switch features a digital select
input (Sn), two independent inputs/outputs (Y0 and Y1) and a common input/output (Z). A digital
enable input (E) is common to all switches. When E is HIGH, the switches are turned off. Inputs
include clamp diodes. This enables the use of current limiting resistors to interface inputs to
voltages in excess of VDD.
2. Features and benefits
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• Specified from -40 °C to +125 °C
3. Applications
• Analog multiplexing and demultiplexing
• Digital multiplexing and demultiplexing
• Signal gating




Similar Part No. - HEF4053B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4053B PHILIPS-HEF4053B Datasheet
118Kb / 9P
Triple 2-channel analogue multiplexer/demultiplexer
January 1995
HEF4053B NXP-HEF4053B Datasheet
160Kb / 20P
Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
HEF4053B NXP-HEF4053B Datasheet
160Kb / 20P
Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
HEF4053B PHILIPS-HEF4053B Datasheet
160Kb / 20P
Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
logo
Nexperia B.V. All right...
HEF4053B-Q100 NEXPERIA-HEF4053B-Q100 Datasheet
775Kb / 19P
Triple single-pole double-throw analog switch
More results


Similar Description - HEF4053B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4053 NXP-74LV4053 Datasheet
162Kb / 26P
Triple single-pole double-throw analog switch
Rev. 04-10 August 2009
HEF4053B NXP-HEF4053B Datasheet
160Kb / 20P
Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
HEF4053B NXP-HEF4053B_13 Datasheet
160Kb / 20P
Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
HEF4053BT652 PHILIPS-HEF4053BT652 Datasheet
160Kb / 20P
Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
74LV4053 PHILIPS-74LV4053_15 Datasheet
243Kb / 27P
Triple single-pole double-throw analog switch
Rev. 5-18 September 2014
HEF4053B PHILIPS-HEF4053B_15 Datasheet
201Kb / 20P
Triple single-pole double-throw analog switch
Rev. 11-11 September 2014
NX3L4053 PHILIPS-NX3L4053_15 Datasheet
266Kb / 22P
Triple low-ohmic single-pole double-throw analog switch
Rev. 5-25 June 2012
logo
Nexperia B.V. All right...
HEF4053B-Q100 NEXPERIA-HEF4053B-Q100 Datasheet
775Kb / 19P
Triple single-pole double-throw analog switch
74LV4053-Q100 NEXPERIA-74LV4053-Q100 Datasheet
782Kb / 25P
Triple single-pole double-throw analog switch
74LV4053 NEXPERIA-74LV4053 Datasheet
335Kb / 20P
Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com