Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4067B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4067B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4067B
Download  HEF4067B Download
File Size   278.13 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-channel analog multiplexer/demultiplexer

HEF4067B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4067B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4067B
Download  HEF4067B Click to download

File Size   278.13 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-channel analog multiplexer/demultiplexer

HEF4067B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4067B Product details

1. General description
The HEF4067B is a single-pole 16-throw analog switch (SP16T) suitable for use in analog or digital
16:1 multiplexer/demultiplexer applications. The switch features four digital select inputs A0, A1, A2
and A3), sixteen independent inputs/outputs (Yn), a common input/output (Z) and a digital enable
input (E). When E is HIGH, the switches are turned off. Inputs include clamp diodes. This enables
the use of current limiting resistors to interface inputs to voltages in excess of VDD.
2. Features and benefits
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• Specified from -40 °C to +85 °C
3. Applications
• Analog multiplexing and demultiplexing
• Digital multiplexing and demultiplexing
• Signal gating




Similar Part No. - HEF4067B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4067B PHILIPS-HEF4067B Datasheet
110Kb / 9P
16-channel analogue multiplexer/demultiplexer
January 1995
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B Datasheet
147Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
logo
Nexperia B.V. All right...
HEF4067B-Q100 NEXPERIA-HEF4067B-Q100 Datasheet
786Kb / 17P
16-channel analog multiplexer/demultiplexer
logo
NXP Semiconductors
HEF4067BD PHILIPS-HEF4067BD Datasheet
110Kb / 9P
16-channel analogue multiplexer/demultiplexer
January 1995
More results


Similar Description - HEF4067B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
16-channel analog multiplexer/demultiplexer
September 1993
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
16-channel analog multiplexer/demultiplexer
1998 Jun 23
74HC4067 NXP-74HC4067 Datasheet
178Kb / 29P
16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74HC_HCT4067 PHILIPS-74HC_HCT4067_15 Datasheet
294Kb / 28P
16-channel analog multiplexer/demultiplexer
Rev. 6-22 May 2015
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
HEF4067B-Q100 NEXPERIA-HEF4067B-Q100 Datasheet
786Kb / 17P
16-channel analog multiplexer/demultiplexer
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
16-channel analog multiplexer/demultiplexer
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com