Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4070B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4070B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4070B
Download  HEF4070B Download
File Size   197.74 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input EXCLUSIVE-OR gate

HEF4070B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4070B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4070B
Download  HEF4070B Click to download

File Size   197.74 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input EXCLUSIVE-OR gate

HEF4070B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4070B Product details

1. General description
The HEF4070B is a quad 2-input EXCLUSIVE-OR gate. Inputs include clamp diodes. This enables
the use of current limiting resistors to interface inputs to voltages in excess of VDD.
2. Features and benefits
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• CMOS low power dissipation
• High noise immunity
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• Specified from -40 °C to +85 °C
3. Applications
• Logical comparators
• Parity checkers and generators




Similar Part No. - HEF4070B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4070B PHILIPS-HEF4070B Datasheet
28Kb / 3P
Quadruple exclusive-OR gate
January 1995
logo
Nexperia B.V. All right...
HEF4070B-Q100 NEXPERIA-HEF4070B-Q100 Datasheet
719Kb / 11P
Quad 2-input EXCLUSIVE-OR gate
HEF4070B-Q100 NEXPERIA-HEF4070B-Q100 Datasheet
198Kb / 10P
Quad 2-input EXCLUSIVE-OR gate
Rev. 4 5 September 2024
HEF4070B-Q100 NEXPERIA-HEF4070B-Q100_V01 Datasheet
198Kb / 10P
Quad 2-input EXCLUSIVE-OR gate
Rev. 4 5 September 2024
logo
NXP Semiconductors
HEF4070BD PHILIPS-HEF4070BD Datasheet
28Kb / 3P
Quadruple exclusive-OR gate
January 1995
More results


Similar Description - HEF4070B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54AC86 NSC-54AC86 Datasheet
112Kb / 6P
Quad 2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
CD4070BC FAIRCHILD-CD4070BC Datasheet
53Kb / 5P
Quad 2-Input EXCLUSIVE-OR Gate
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
Quad 2-Input Exclusive-OR Gate
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
Quad 2-Input Exclusive OR Gate
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com