Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4081B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4081B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4081B
Download  HEF4081B Download
File Size   198.75 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input AND gate

HEF4081B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4081B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4081B
Download  HEF4081B Click to download

File Size   198.75 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input AND gate

HEF4081B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4081B Product details

1. General description
The HEF4081B is a quad 2-input AND gate. Inputs include clamp diodes. This enables the use of
current limiting resistors to interface inputs to voltages in excess of VDD.
2. Features and benefits
• Fully static operation
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - HEF4081B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4081B PHILIPS-HEF4081B Datasheet
24Kb / 3P
Quadruple 2-input AND gate
January 1995
logo
Nexperia B.V. All right...
HEF4081B-Q100 NEXPERIA-HEF4081B-Q100 Datasheet
668Kb / 11P
Quad 2-input AND gate
HEF4081B-Q100 NEXPERIA-HEF4081B-Q100 Datasheet
200Kb / 10P
Quad 2-input AND gate
Rev. 3 5 September 2024
HEF4081B-Q100 NEXPERIA-HEF4081B-Q100_V01 Datasheet
200Kb / 10P
Quad 2-input AND gate
Rev. 3 5 September 2024
logo
NXP Semiconductors
HEF4081BD PHILIPS-HEF4081BD Datasheet
24Kb / 3P
Quadruple 2-input AND gate
January 1995
More results


Similar Description - HEF4081B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
Quad 2-Input AND Gate
1999 REV 0
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
QUAD 2-INPUT AND GATE
Feb-1993
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
QUAD 2-INPUT AND GATE
Jul-2001
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
QUAD 2-INPUT AND GATE
logo
Rohm
BU4081B ROHM-BU4081B Datasheet
50Kb / 4P
Quad 2-input AND gate
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
Quad 2-Input AND Gate
logo
STMicroelectronics
74VHCT08A STMICROELECTRONICS-74VHCT08A_04 Datasheet
217Kb / 11P
QUAD 2-INPUT AND GATE
16-Dec-2004
logo
IK Semicon Co., Ltd
IN74VHCT08 IKSEMICON-IN74VHCT08 Datasheet
254Kb / 6P
Quad 2-Input AND Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com