Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4093B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4093B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4093B
Download  HEF4093B Download
File Size   220.89 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input NAND Schmitt trigger

HEF4093B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4093B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4093B
Download  HEF4093B Click to download

File Size   220.89 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input NAND Schmitt trigger

HEF4093B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4093B Product details

1. General description
The HEF4093B is a quad 2-input NAND gate with Schmitt-trigger inputs. Inputs include clamp
diodes. This enables the use of current limiting resistors to interface inputs to voltages in excess of
VDD. Schmitt trigger inputs transform slowly changing input signals into sharply defined jitter-free
output signals.
2. Features and benefits
• Schmitt trigger input discrimination
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Applications
• Wave and pulse shapers
• Astable multivibrators
• Monostable multivibrators




Similar Part No. - HEF4093B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4093B PHILIPS-HEF4093B Datasheet
79Kb / 6P
Quadruple 2-input NAND Schmitt trigger
January 1995
HEF4093B NXP-HEF4093B Datasheet
158Kb / 15P
FBQuad 2-input NAND Schmitt trigger
Rev. 8-21 November 2011
HEF4093B PHILIPS-HEF4093B Datasheet
158Kb / 15P
Quad 2-input NAND Schmitt trigger
Rev. 8-21 November 2011
HEF4093B-Q100 NXP-HEF4093B-Q100 Datasheet
159Kb / 14P
Quad 2-input NAND Schmitt trigger Rev. 1 ??12 July 2012
Rev. 1-12 July 2012
logo
Nexperia B.V. All right...
HEF4093B-Q100 NEXPERIA-HEF4093B-Q100 Datasheet
219Kb / 12P
Quad 2-input NAND Schmitt trigger
Rev. 2 - 25 February 2022
More results


Similar Description - HEF4093B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
Quad 2-input NAND Schmitt trigger
1999 Sep 24
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
Quad 2-Input NAND Schmitt Trigger
logo
NXP Semiconductors
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com