Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4104B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4104B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4104B
Download  HEF4104B Download
File Size   226.61 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad low-to-high voltage translator with 3-state outputs

HEF4104B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4104B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4104B
Download  HEF4104B Click to download

File Size   226.61 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad low-to-high voltage translator with 3-state outputs

HEF4104B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4104B Product details

1. General description
The HEF4104B is a quad low-to-high voltage translator with complementary 3-state outputs (Bn
and Bn). A LOW on the output enable input (OE) causes the outputs to assume a high-impedance
OFF-state. Inputs include clamp diodes. This enables the use of current limiting resistors to
interface inputs to voltages in excess of VDD.
2. Features and benefits
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C




Similar Part No. - HEF4104B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4104B PHILIPS-HEF4104B Datasheet
68Kb / 5P
Quadruple low to high voltage translator with 3-state outputs
January 1995
logo
Nexperia B.V. All right...
HEF4104B-Q100 NEXPERIA-HEF4104B-Q100 Datasheet
693Kb / 14P
Quad low-to-high voltage translator with 3-state outputs
logo
NXP Semiconductors
HEF4104BD PHILIPS-HEF4104BD Datasheet
68Kb / 5P
Quadruple low to high voltage translator with 3-state outputs
January 1995
HEF4104BF PHILIPS-HEF4104BF Datasheet
68Kb / 5P
Quadruple low to high voltage translator with 3-state outputs
January 1995
HEF4104BN PHILIPS-HEF4104BN Datasheet
68Kb / 5P
Quadruple low to high voltage translator with 3-state outputs
January 1995
More results


Similar Description - HEF4104B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4104B PHILIPS-HEF4104B Datasheet
68Kb / 5P
Quadruple low to high voltage translator with 3-state outputs
January 1995
logo
Fairchild Semiconductor
74LVQ125 FAIRCHILD-74LVQ125 Datasheet
66Kb / 6P
Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125 FAIRCHILD-74LVTH125 Datasheet
56Kb / 8P
Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125 FAIRCHILD-74LVX125 Datasheet
87Kb / 6P
Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125_01 Datasheet
54Kb / 5P
Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125 FAIRCHILD-74LVTH125_08 Datasheet
294Kb / 9P
Low Voltage Quad Buffer with 3-STATE Outputs
logo
NXP Semiconductors
HEF4104B NXP-HEF4104B_09 Datasheet
148Kb / 14P
Quad low-to-high voltage translator with 3-state outputs
Rev. 07-16 December 2009
logo
Fairchild Semiconductor
74LVX125 FAIRCHILD-74LVX125_08 Datasheet
310Kb / 8P
Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125SJX FAIRCHILD-74LVX125SJX Datasheet
310Kb / 8P
Low Voltage Quad Buffer with 3-STATE Outputs
logo
Nexperia B.V. All right...
HEF4104B-Q100 NEXPERIA-HEF4104B-Q100 Datasheet
693Kb / 14P
Quad low-to-high voltage translator with 3-state outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com