Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCE30P06J Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE30P06J Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE30P06J
Download  NCE30P06J Download
File Size   269.51 Kbytes
Page   6 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE P-Channel Enhancement Mode Power MOSFET

NCE30P06J Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE30P06J Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE30P06J
Download  NCE30P06J Click to download

File Size   269.51 Kbytes
Page   6 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE P-Channel Enhancement Mode Power MOSFET

NCE30P06J Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE30P06J Product details

Description
The NCE30P06J uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages .This device is suitable for use as a load switching
application and a wide variety of other applications.
General Features
● VDS = -30V,ID = -6.5A
RDS(ON) < 30mΩ @ VGS=-10V
RDS(ON) < 50mΩ @ VGS=-4.5V
● Advanced trench MOSFET process technology
● Ultra low on-resistance with low gate charge
Application
● PWM applications
● Load switch
● Battery charge in cellular handset




Similar Part No. - NCE30P06J

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE30P10S NCEPOWER-NCE30P10S Datasheet
282Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
v1.2
NCE30P12BS NCEPOWER-NCE30P12BS Datasheet
714Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
V1.0
NCE30P12S NCEPOWER-NCE30P12S Datasheet
370Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE30P12S VBSEMI-NCE30P12S Datasheet
1,002Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Shanghai Leiditech Elec...
NCE30P12S LEIDITECH-NCE30P12S Datasheet
962Kb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
More results


Similar Description - NCE30P06J

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE2301A NCEPOWER-NCE2301A Datasheet
342Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE2301C NCEPOWER-NCE2301C Datasheet
328Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE01P18L NCEPOWER-NCE01P18L Datasheet
317Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE15P25 NCEPOWER-NCE15P25 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE20P70G NCEPOWER-NCE20P70G Datasheet
367Kb / 6P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P12S NCEPOWER-NCE30P12S Datasheet
370Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P15S NCEPOWER-NCE30P15S Datasheet
347Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P06S NCEPOWER-NCE40P06S Datasheet
402Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P40K NCEPOWER-NCE40P40K Datasheet
477Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE55P15 NCEPOWER-NCE55P15 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com