Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCE30P25BQ Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE30P25BQ Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE30P25BQ
Download  NCE30P25BQ Download
File Size   740.37 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE P-Channel Enhancement Mode Power MOSFET

NCE30P25BQ Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE30P25BQ Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE30P25BQ
Download  NCE30P25BQ Click to download

File Size   740.37 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE P-Channel Enhancement Mode Power MOSFET

NCE30P25BQ Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE30P25BQ Product details

Description
The NCE30P25BQ uses advanced trench technology to provide
excellent RDS(ON), low gate charge . This device is suitable for use
as a load switch or in PWM applications. Application
● PWM applications
● Load switch
● Power management
General Features
● VDS = -30V,ID = -25A
RDS(ON) < 9.5mΩ @ VGS=-4.5V
RDS(ON) < 15mΩ @ VGS=-10V
● High Power and current handing capability
● Lead free product is acquired
● Surface mount package
● 150 °C operating temperature
● Pb-free lead plating




Similar Part No. - NCE30P25BQ

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE30P25Q NCEPOWER-NCE30P25Q Datasheet
687Kb / 9P
NCE P-Channel Enhancement Mode Power MOSFET
V2.0
NCE30P25S NCEPOWER-NCE30P25S Datasheet
344Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE30P25S VBSEMI-NCE30P25S Datasheet
1Mb / 9P
P-Channel 30 V (D-S) MOSFET
More results


Similar Description - NCE30P25BQ

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE2301A NCEPOWER-NCE2301A Datasheet
342Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE2301C NCEPOWER-NCE2301C Datasheet
328Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE01P18L NCEPOWER-NCE01P18L Datasheet
317Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE15P25 NCEPOWER-NCE15P25 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE20P70G NCEPOWER-NCE20P70G Datasheet
367Kb / 6P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P12S NCEPOWER-NCE30P12S Datasheet
370Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P15S NCEPOWER-NCE30P15S Datasheet
347Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P06S NCEPOWER-NCE40P06S Datasheet
402Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P40K NCEPOWER-NCE40P40K Datasheet
477Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE55P15 NCEPOWER-NCE55P15 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com